Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1252 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1252 Datasheet HTML 4Page - Microchip Technology MCP1252 Datasheet HTML 5Page - Microchip Technology MCP1252 Datasheet HTML 6Page - Microchip Technology MCP1252 Datasheet HTML 7Page - Microchip Technology MCP1252 Datasheet HTML 8Page - Microchip Technology MCP1252 Datasheet HTML 9Page - Microchip Technology MCP1252 Datasheet HTML 10Page - Microchip Technology MCP1252 Datasheet HTML 11Page - Microchip Technology MCP1252 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCP1252/3
DS21752B-page 8
 2002-2013 Microchip Technology Inc.
3.0
PIN FUNCTIONS
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Open-Drain Power Good Output
(PGOOD)
PGOOD is a high-impedance when the output voltage
is in regulation. A logic-low is asserted when the output
falls 7% (typical) below the nominal value. The PGOOD
output remains low until VOUT is within 3% (typical) of
its nominal value. On start-up, this pin indicates when
the output voltage reaches its final value. PGOOD is
high-impedance when SHDN is low.
3.2
Regulated Output Voltage (VOUT)
Bypass to GND with a filter capacitor.
3.3
Power Supply Input (VIN)
It is recommended that VIN be tied to a ceramic bypass
capacitor.
3.4
Ground (GND)
It is recommended that the ground pin be tied to a
ground plane for best performance.
3.5
Flying Capacitor Negative
Terminal (C-)
The charge pump capacitor (flying capacitor) is used to
transfer charge from the input supply to the regulated
output.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used.
3.6
Flying Capacitor Positive Terminal
(C+)
The charge pump capacitor (flying capacitor) is used to
transfer charge from the input supply to the regulated
output.
Proper orientation is imperative when using a polarized
capacitor.
3.7
Shutdown Input (SHDN)
A logic-low signal applied to SHDN disables the device.
A logic-high signal applied to this pin allows normal
operation.
3.8
Select (SELECT) Input or
Feedback (FB) Input
MCP1252-33X50, MCP1253-33X50:
SELECT: Select Input Pin.
Connect SELECT to VIN for 3.3V fixed output. Connect
SELECT to GND for a 5.0V fixed output.
MCP1252-ADJ, MCP1253-ADJ:
FB: Feedback Pin.
A resistor divider connected to this pin determines the
adjustable VOUT value (1.5V to 5.5V).
Pin
No.
Name
Function
1
PGOOD Open-Drain Power GOOD Output
2VOUT
Regulated Output Voltage
3VIN
Power Supply Input
4GND
Ground Terminal
5C-
Flying Capacitor Negative Terminal
6C+
Flying Capacitor Positive Terminal
7
SHDN
Shutdown Mode, Active-Low Input
8
SELECT Output Voltage Select Pin.
(MCP1252-33X50, MCP1253-33X50)
FB
Feedback Input Pin for Adjustable Output
(MCP1252-ADJ, MCP1253-ADJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com