Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1252 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1252 Datasheet HTML 1Page - Microchip Technology MCP1252 Datasheet HTML 2Page - Microchip Technology MCP1252 Datasheet HTML 3Page - Microchip Technology MCP1252 Datasheet HTML 4Page - Microchip Technology MCP1252 Datasheet HTML 5Page - Microchip Technology MCP1252 Datasheet HTML 6Page - Microchip Technology MCP1252 Datasheet HTML 7Page - Microchip Technology MCP1252 Datasheet HTML 8Page - Microchip Technology MCP1252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 1
MCP1252/3
Features
• Inductorless, Buck/Boost, DC/DC Converter
• Low Power: 80 µA (Typical)
• High Output Voltage Accuracy:
- ±2.5% (VOUT Fixed)
• 120 mA Output Current
• Wide Operating Temperature Range:
- -40°C to +85°C
• Thermal Shutdown and Short-Circuit Protection
• Uses Small Ceramic Capacitors
• Switching Frequency:
- MCP1252: 650 kHz
- MCP1253: 1 MHz
• Low Power Shutdown Mode: 0.1 µA (Typical)
• Shutdown Input Compatible with 1.8V Logic
•VIN Range: 2.0V to 5.5V
• Selectable Output Voltage (3.3V or 5.0V) or
Adjustable Output Voltage
• Space-saving, 8-Lead MSOP
• Soft-Start Circuitry to Minimize In-Rush Current
Applications
• White LED Backlighting
• Color Display Bias
• Local 3V-to-5V Conversions
• Flash Memory Supply Voltage
• SIM Interface Supply for GSM Phones
• Smart Card Readers
• PCMCIA Local 5V Supplies
Description
The MCP1252/3 are inductorless, positive-regulated
charge pump DC/DC converters. The devices generate
a regulated fixed (3.3V or 5.0V) or adjustable output
voltage. They are specifically designed for applications
requiring low noise and high efficiency and are able to
deliver up to 120 mA output current. The devices allow
the input voltage to be lower or higher than the output
voltage, by automatically switching between buck/
boost operation.
The MCP1252 has a switching frequency of 650 kHz,
avoiding interference with sensitive IF bands. The
MCP1253 has a switching frequency of 1 MHz and
allows the use of smaller capacitors than the
MCP1252, thus saving board space and cost.
Both devices feature a power-good output that can be
used to detect out-of-regulation conditions. Extremely
low supply current and low external parts count (three
capacitors) make these devices ideal for small, battery-
powered applications. A shutdown mode is also pro-
vided for further power reduction. The MCP1252 and
MCP1253 feature thermal and short-circuit protection
and are offered in space-saving, 8-lead, MSOP
packages.
Package Types
MSOP (FIXED)
MSOP (ADJUSTABLE)
PGOOD
VOUT
VIN
GND
SELECT
SHDN
C+
C-
1
2
3
4
8
7
6
5
PGOOD
VOUT
VIN
GND
FB
SHDN
C+
C-
1
2
3
4
8
7
6
5
MCP1252
MCP1253
MCP1252
MCP1253
Low Noise, Positive-Regulated Charge Pump


Similar Part No. - MCP1252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252-33X50I/MS MICROCHIP-MCP1252-33X50I/MS Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252-ADJE/MS MICROCHIP-MCP1252-ADJE/MS Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1252-ADJI/MS MICROCHIP-MCP1252-ADJI/MS Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252-ADJI/MS MICROCHIP-MCP1252-ADJI/MS Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
More results

Similar Description - MCP1252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
Unisonic Technologies
L5200 UTC-L5200 Datasheet
159Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Unisonic Technologies
L5201 UTC-L5201 Datasheet
169Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
Unisonic Technologies
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com