Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1252 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1252 Datasheet HTML 12Page - Microchip Technology MCP1252 Datasheet HTML 13Page - Microchip Technology MCP1252 Datasheet HTML 14Page - Microchip Technology MCP1252 Datasheet HTML 15Page - Microchip Technology MCP1252 Datasheet HTML 16Page - Microchip Technology MCP1252 Datasheet HTML 17Page - Microchip Technology MCP1252 Datasheet HTML 18Page - Microchip Technology MCP1252 Datasheet HTML 19Page - Microchip Technology MCP1252 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 17
MCP1252/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP1252: Low Noise, Positive-Regulated Charge Pump
MCP1252T: Low Noise, Positive-Regulated Charge Pump
(Tape and Reel)
MCP1253: Low Noise, Positive-Regulated Charge Pump
MCP1253T: Low Noise, Positive-Regulated Charge Pump
(Tape and Reel)
Temperature Range:
I
=
-40°C to +85°C
Package:
MS = Plastic Micro Small Outline (MSOP), 8-lead
Examples:
a)
MCP1252-33X50I/MS: Low Noise, Positive-
Regulated Charge Pump, Fixed Output
b)
MCP1252-ADJI/MS: Low Noise, Positive-
Regulated Charge Pump, Adjustable Output
c)
MCP1252T-33X50I/MS: Tape and Reel,
Low
Noise,
Positive-Regulated
Charge
Pump, Fixed Output
a)
MCP1253-33X50I/MS: Low Noise, Posi-
tive-Regulated Charge Pump, Fixed Output
b)
MCP1253-ADJI/MS:
Low Noise, Posi-
tive-Regulated Charge Pump, Adjustable
Output
c)
MCP1253T-ADJI/MS:
Tape
and
Reel,
Low
Noise,
Positive-Regulated
Charge
Pump, Adjustable Output
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com