Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS500 Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # PDBFS500
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS500 Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button PDBFS500 Datasheet HTML 3Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 4Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 5Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 6Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 10Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Wire Connector Hole Diameter
Part
Line
Number
in (mm)
PDBFS204
0.450 (11.5)
0.450 (11.5)
PDBFS220
0.450 (11.5)
0.246 (6.25)
PDBFS303
0.720 (18.3)
0.720 (18.3)
PDBFS330
0.870 (22.1)
0.314 (8.0)
PDBFS377
0.687 (17.5)
0.265 (6.7)
PDBFS500
0.718 (18.2)
0.718 (18.2)
PDBFS504
0.875 (22.2)
0.875 (22.2)
Line
Load
Part Number
Torque
Trim Length
Hex Key
CU Wire Range
Torque
Trim Length
CU Wire Range
Lb-in (Nm)
in (mm)
Lb-in (Nm)
in (mm)
Hex Key
PDBFS204
2/0 to 8 AWG
110 (12.4)
0.850 (21.6)
3/16˝
2/0 to 8 AWG
110 (12.4)
0.970 (24.6)
3/16˝
70 to 10mm
2
70 to 10mm
2
4 to 6 AWG
25 to 16mm
2
35 (4.0)
PDBFS220
2/0 to 8 AWG
120 (13.6)
0.750 (19.0)
3/16˝
8 AWG
25 (2.8)
0.550 (14.0) top row,
1/8˝
70 to 10mm
2
10mm
2
0.850 (21.6) bottom row
10 to 14 AWG
20 (2.3)
6 to 2.5mm
2
PDBFS303
350 Kcmil to 6 AWG
275 (31.1)
1.350 (34.3)
5/16˝
350 Kcmil to 6 AWG
275 (31.1)
1.250 (31.8)
5/16˝
150 to 16mm
2
150 to 16mm
2
2 to 3 AWG
50 (5.7)
35mm
2
PDBFS330
500 Kcmil to 6 AWG
500 (56.5)
1.250 (31.8)
3/8˝
4 to 6 AWG
240 to 16mm
2
25 to 16mm
2
45 (5.1)
0.590 (15.0) top row
1/8˝
8 AWG
40 (4.5)
1.200 (30.5) bottom row
10mm
2
10 to 14 AWG
35 (4.0)
6 to 2.5mm
2
4 to 6 AWG
25 to 16mm
2
35 (4.0)
PDBFS377
300 Kcmil to 4 AWG
275 (31.1)
1.15 (29.2) top row
1/4˝
8 AWG
25 (2.8)
0.550 (14.0) top row,
1/8˝
150 to 25mm
2
1.400 (35.6) bottom row
10mm
2
1.00 (25.4) middle row
10 to 14 AWG
20 (2.3)
1.220 (31.0) bottom row
6 to 2.5mm
2
PDBFS500
350 Kcmil to 4 AWG
275 (31.1)
1.250 (31.8)
5/16˝
350 Kcmil to 4 AWG
275 (31.1)
1.250 (31.8)
5/16˝
185 to 25mm
2
185 to 25mm
2
PDBFS504
500 Kcmil to 6 AWG
500 (56.5)
1.250 (31.8)
3/8˝
500 Kcmil to 6 AWG
500 (56.5)
1.250 (31.8)
3/8˝
240 to 16mm
2
240 to 16mm
2
Series PDBFS
Trim
Load
in (mm)
Part No.
Minimum Enclosure
Size
PDBFS204
16˝ X 16˝ X 6.75˝
PDBFS220
16˝ X 16˝ X 6.75˝
PDBFS303
36˝ X 30˝ X 12.625˝
PDBFS330
24˝ X 20˝ X 6.75˝
PDBFS377
24˝ X 20˝ X 6.75˝
PDBFS500
36˝ X 30˝ X 12.625˝
PDBFS504
36˝ X 30˝ X 12.625˝
Series PDBFS Enclosed Power Distribution Blocks
1011
SB-BU09622
Page 7 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com