Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS500 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # PDBFS500
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS500 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button PDBFS500 Datasheet HTML 4Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 5Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 6Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 10Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 11Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 12Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Line
Load
IP-20
IP-20
Part
Trim Length
Installed Wire
Conductor
Screw
Trim Length
Installed Wire
Conductor Screw
Number
in (mm)
Openings Opening
in (mm)
Openings Opening
PDBFS204
0.850 (21.6)
2/0 to 8 AWG
Yes
Yes
0.970 (24.6)
2/0 to 8 AWG
Yes
Yes
70 to 10mm
2
70 to 10mm
2
4 to 14 AWG
2/0 to 8 AWG
0.550 (14.0)
25 to 2.5mm
2
Yes
Yes
PDBFS220
0.750 (19.0)
70 to 10mm
2
Yes
Yes
top row,
screws fully
N/A
Yes
0.850 (21.6)
opened
bottom row
no wire in hole
No
N/A
350 Kcmil to 2/0 AWG
350 Kcmil to 2/0 AWG
150 to 70mm
2
Yes
Yes
1.250 (31.8)
150 to 70mm
2
Yes
Yes
PDBFS303
1.350 (34.3)
1/0 to 6 AWG
1/0 to 6 AWG
50 to 16mm
2
No
Yes
50 to16mm
2
No
Yes
500 to 250 Kcmil
2 to 14 AWG
240 to 150mm
2
Yes
Yes
0.590 (15.0)
35 to 2.5mm
2
Yes
Yes
PDBFS330
1.250 (31.8)
4/0 to 6 AWG
top row,
screws fully
N/A
Yes
120 to 16mm2
No
Yes
1.200 (30.5)
opened
bottom row
no wire in hole
No
N/A
300 Kcmil to 4/0 AWG
150 to 120mm
2
Yes
Yes
0.550 (14.0)
4 to 14 AWG
1.15 (29.2) top row,
3/0 to 4 AWG
top row,
25 to 2.5mm
2
Yes
Yes
PDBFS377
1.400 (35.6) bottom
95 to 25mm
2
No
Yes
1.00 (25.4)
row
screws fully
middle row,
screws fully
N/A
Yes
opened
N/A
No
1.220 (31.0)
opened
bottom row
no wire in hole
no wire in hole
No
N/A
Yes
N/A
350 Kcmil to 2/0 AWG
350 Kcmil to 2/0 AWG
185 to 70mm
2
Yes
Yes
185 to 70mm
2
Yes
Yes
1/0 to 4 AWG
1/0 to 4 AWG
PDBFS500
1.250 (31.8)
50 to 25mm
2
No
Yes
1.250 (31.8)
50 to 25mm
2
No
Yes
screws fully
screws fully
opened
N/A
No
opened
N/A
No
no wire in hole
No
N/A
no wire in hole
No
N/A
500 to 350 Kcmil
500 to 350 Kcmil
240 to 185mm
2
Yes
Yes
240 to 185mm
2
Yes
Yes
300 Kcmil to 6 AWG
300 Kcmil to 6 AWG
PDBFS504
1.250 (31.8)
150 to 16mm
2
No
Yes
1.250 (31.8)
150 to 16mm
2
No
Yes
screws fully
screws fully
opened
N/A
No
opened
N/A
No
no wire in hole
No
N/A
no wire in hole
No
N/A
Specific Conditions to Achieve IP-20 Finger-Safe Status for Series PDBFS
Series PDBFS Enclosed Power Distribution Blocks
1011
SB-BU09622
Page 8 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com