Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS500 Datasheet(PDF) 13 Page - Cooper Bussmann, Inc.

Part # PDBFS500
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS500 Datasheet(HTML) 13 Page - Cooper Bussmann, Inc.

Back Button PDBFS500 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 10Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 11Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 12Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 13Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 14Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 15Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 16Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 17Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Series 16XXX Terminal Blocks
Feature/Benefits
• High Short-Circuit Current Ratings up to 200kA
• UL1059 Recognition
Agency/Standards
• UL 1059 Recognized, Guide XCFR2, File E221592
• General Industry Class per UL 1059, usage catagory C
• CSA Certified, Class 6228-01, File 15364
Electrical
• 600Vac or dc
• Short Circuit Current Ratings up to 200kA, see table
• Ampacities up to 310 Amps
• 75ºC rated connectors
• Wire range 14 AWG to 350 kcmil CU
Mechanical
• Panel mount
• Flammability, UL 94V0
• Tin-plated AL connectors suitable for CU
conductors
Terminal Copper Conductor Capability
Short-Circuit Current Rating Data
Line
Load
Configuration
Conductors
Max Fuse Class & Amp**
Part
Openings per Pole
Line
Load
J
T
RK1
RK5
Number
Amps
Wire Range
Wire Range
AWG or
AWG or
LPJ
JJS
LPS-RK
FRS-R
SCCR
Line
Load
kcmil
kcmil
JJN
LPN-RK
FRN-R
16204-1,
-2, -3
175A
2/0 to 8 AWG
2/0 to 8 AWG
2/0 to 8
2/0 to 8 200
200
200
60
200kA
4 to 12
200
200
200
60
200kA
16220-1,
175A
2/0 to 8 AWG
4 to 14 AWG
2/0 to 8
4 to 14
175
175
100
60
100kA
-2, -3
16280-1,
175A
2/0 to 8 AWG
1/4-20 X 3/4 STUD
2/0 to 8
Stud
200
200
100
60
200kA
-2, -3
16321-1,
4 to12
400
400
200
100
200kA
-2, -3
175A
2/0 to 8 AWG
4 to 14 AWG
2/0 to 8
4 to 12
175
175
100
60
100kA
16323-1,
400
400
200
100
200kA
-2, -3
310A 350kcmil to 4 AWG
4 to 12 AWG
350 to 4
4 to 8
4 to 12
175
175
100
60
100kA
16370-1,
4 to 8
400
400
200
100
200kA
-2, -3
310A 350kcmil to 4 AWG
4 to 14 AWG
350 to 4
4 to 14
175
175
100
60
100kA
16371-1,
1/0 to 6 400
400
200
100
200kA
-2, -3
310A 350kcmil to 4 AWG
(6) 2 to 12 AWG
350 to 4
(3) 1/0 to 12
1/0 to 12 175
175
100
60
100kA
Ampacities 75C per NEC® Table 310.16 and UL508A Table 28.1
** Class G 60A (SC-60) or less or Class CC 30A (LP-CC-30, FNQ-R-30, KTK-R-30)
or less are suitable for all the SCCRs in this table.
These blocks available in 1, 2, or 3 poles
Part Number:
Example: 16204-1 = single pole
16204-3 = three pole
Series 16XXX
Series 162 and 163
Part No.
Minimum Enclosure
Size
16204-1, -2, -3
16˝ X 16˝ X 6.75˝
16220-1, -2, -3
16˝ X 16˝ X 6.75˝
16280-1, -2, -3
16˝ X 16˝ X 6.75˝
16321-1, -2, -3
24˝ X 20˝ X 6.75˝
16323-1, -2, -3
24˝ X 20˝ X 6.75˝
16370-1, -2, -3
24˝ X 20˝ X 6.75˝
16371-1, -2, -3
24˝ X 20˝ X 6.75˝
-2, -3
-2, -3
1011
SB-BU09622
Page 13 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com