Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS500 Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # PDBFS500
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS500 Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button PDBFS500 Datasheet HTML 5Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 6Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 10Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 11Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 12Page - Cooper Bussmann, Inc. PDBFS500 Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Feature/Benefits
• High Short-Circuit Current Ratings up to 200kA
PDBs do not have to be a weak link in achieving high
SCCR for an industrial control panel
• Suitable for installation in wireways (with optional covers)
and industrial control panel feeder and branch circuits.
Listed to UL1953 which has minimum spacing
requirements at 600V of at least 1” through air and 2”
Agency/Standards
• UL Listed 1953, Guide QPQS, File E256146
Electrical
• 600Vac or dc (UL 1953)
• Short-Circuit Current Ratings up to 200kA, see table
• 75ºC rated connectors, ampacities up to 310A
• Wire range 14 AWG to 350 kcmil CU
• Spacing between uninsulated opposite polarities or ground
meets UL 1953 which requires at least 1” through air and
2” over surface for 301 to 600V
Mechanical
• Panel mount
• Flammability, UL 94V0
• Tin-plated AL connectors suitable for CU conductors
Terminal Copper Conductor Capability
Short-Circuit Current Rating Data
Line
Load
Configuration
Conductors
Max Fuse Class & Amp**
Part
Openings per Pole
Line
Load
J
T
RK1
RK5
Number
Amps
Wire Range
Wire Range
AWG or
AWG or
LPJ
JJS
LPS-RK
FRS-R
SCCR
Line
Load
kcmil
kcmil
JJN
LPN-RK
FRN-R
PDB204-1
PDB204-3
175A
2/0 to 8 AWG
2/0 to 8 AWG
2/0 to 8
2/0 to 8 200
200
200
60
200kA
4 to 12
200
200
200
60
200kA
PDB220-1
175A
2/0 to 8 AWG
4 to 14 AWG
2/0 to 8
4 to 14
175
175
100
60
100kA
PDB220-3
PDB280-1
175A
2/0 to 8 AWG
1/4-20 X 3/4 STUD
2/0 to 8
Stud
200
200
100
60
200kA
PDB280-3
PDB321-1
4 to 12
400
400
200
100
200kA
PDB321-2
175A
2/0 to 8 AWG
4 to 14 AWG
2/0 to 8
PDB321-3
4 to 12
175
175
100
60
100kA
PDB323-1
400
400
200
100
200kA
PDB323-3
310A 350kcmil to 4 AWG
4 to 12 AWG
350 to 4
4 to 8
4 to 12
175
175
100
60
100kA
PDB370-1
4 to 8
400
400
200
100
200kA
PDB370-3
310A 350kcmil to 4 AWG
4 to 14 AWG
350 to 4
4 to 14
175
175
100
60
100kA
PDB371-1
1/0 to 6 400
400
200
100
200kA
PDB371-3
310A 350kcmil to 4 AWG
(6) 2 to 12 AWG
350 to 4
(3) 1/0 to 12
1/0 to 12 175
175
100
60
100kA
Ampacities 75C per NEC® Table 310.16 and UL508A Table 28.1
** Class G 60A (SC-60) or less or Class CC 30A (LP-CC-30, FNQ-R-30, KTK-R-30) or less are suitable for all SCCR in this table.
These blocks available in 1 or 3 poles. PDB321 available in 1, 2, and 3 poles.
Part Number:
Example: PDB204-1 = single pole
PDB204-3 = three pole
Series PDB
Series PDB Power Distribution Blocks
1011
SB-BU09622
Page 9 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com