Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC57_13 Datasheet HTML 2Page - Microchip Technology TC57_13 Datasheet HTML 3Page - Microchip Technology TC57_13 Datasheet HTML 4Page - Microchip Technology TC57_13 Datasheet HTML 5Page - Microchip Technology TC57_13 Datasheet HTML 6Page - Microchip Technology TC57_13 Datasheet HTML 7Page - Microchip Technology TC57_13 Datasheet HTML 8Page - Microchip Technology TC57_13 Datasheet HTML 9Page - Microchip Technology TC57_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC57
DS21437C-page 6
 2001-2012 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
5.1
5.0
4.8
4.7
0
100
200
300
400
500
4.9
TC575002 (5V)
1. OUTPUT VOLTAGE vs. OUTPUT CURRENT
4.1
4.0
3.8
3.7
0
100
200
300
400
500
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
3.9
TC574002 (4V)
3.4
3.3
3.1
3.0
0
100
200
300
400
500
3.2
TC573302 (3.3V)
TA = 25
°C
VIN = 6V, CL = 10μF (Tantalum)
TA = 25
°C
VIN = 5V, CL = 10μF (Tantalum)
TA = 25
°C
VIN = 4.3V, CL = 10μF (Tantalum)
2. OUTPUT VOLTAGE vs. INPUT VOLTAGE
4.2
4.0
3.6
3.4
4.0
4.5
3.2
3.5
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
3.8
4.10
4.05
3.95
3.90
3.85
45
6
7
8
4.00
TC574002 (4V)
TC574002 (4V)
5.2
5.0
4.6
4.4
5.0
5.5
4.2
4.5
INPUT VOLTAGE VIN (V)
4.8
CL = 10μF (Tantalum), TA = 25°C
TC575002 (5V)
3.5
3.3
2.9
2.7
3.3
3.8
2.5
2.8
INPUT VOLTAGE VIN (V)
3.1
TC573302 (3.3V)
INPUT VOLTAGE VIN (V)
5.10
5.05
4.95
4.90
4.85
56
7
5.00
TC575002 (5V)
6
INPUT VOLTAGE VIN (V)
3.40
3.35
3.25
3.20
3.15
34
5
3.30
TC573302 (3.3V)
I
OUT = 1mA
100mA
500mA
100mA
500mA
100mA, 500mA
I
OUT = 1mA, 100mA
I
OUT = 1mA
I
OUT = 1mA
I
OUT = 1mA
500mA
I
OUT
A
A
= 1mA
500mA
100mA
1
1
100mA
5
500mA
CL = 10μF (Tantalum), TA = 25°CCL = 10μF (Tantalum), TA = 25°C
CL = 10μF (Tantalum), TA = 25°CCL = 10μF (Tantalum), TA = 25°C
CL = 10μF (Tantalum), TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com