Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC57_13 Datasheet HTML 5Page - Microchip Technology TC57_13 Datasheet HTML 6Page - Microchip Technology TC57_13 Datasheet HTML 7Page - Microchip Technology TC57_13 Datasheet HTML 8Page - Microchip Technology TC57_13 Datasheet HTML 9Page - Microchip Technology TC57_13 Datasheet HTML 10Page - Microchip Technology TC57_13 Datasheet HTML 11Page - Microchip Technology TC57_13 Datasheet HTML 12Page - Microchip Technology TC57_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21437C-page 9
TC57
4.0
TYPICAL CHARACTERISTICS (CONTINUED)
7. INPUT TRANSIENT RESPONSE (CONT.)
Time (0.4 msec/div)
3.7
3.6
3.4
3.3
3.2
3.5
3.7
3.6
3.4
3.3
3.2
3.5
6
5
3
2
1
4
6
5
3
2
1
4
TC573302 (3.3V)
Input Voltage
Output Voltage
Time (0.4 msec/div)
TC573302 (3.3V)
IOUT = 100mA, CL = 10μF (Tantalum)
IOUT = 10mA, CL = 10μF (Tantalum)
Input Voltage
Output Voltage
8. LOAD TRANSIENT RESPONSE
1000
800
400
200
300mA
1mA
1mA
1mA
300mA
300mA
0
Time (10 msec/div)
600
TC575002 (5V)
1000
800
400
200
0
600
1000
800
400
200
0
600
VIN = 6V, CL = 10μF (Tantalum)
Output Voltage
Output Current
Time (10 msec/div)
4.10
4.05
3.95
3.90
3.85
4.00
5.10
5.05
4.95
4.90
4.85
5.00
3.40
3.35
3.25
3.20
3.15
3.30
TC574002 (4V)
Time (10 msec/div)
TC573302 (3.3V)
Output Voltage
Output Current
Output Voltage
Output Current
VIN = 5V, CL = 10μF (Tantalum)
VIN = 4.3V, CL = 10μF (Tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com