Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC57_13 Datasheet HTML 4Page - Microchip Technology TC57_13 Datasheet HTML 5Page - Microchip Technology TC57_13 Datasheet HTML 6Page - Microchip Technology TC57_13 Datasheet HTML 7Page - Microchip Technology TC57_13 Datasheet HTML 8Page - Microchip Technology TC57_13 Datasheet HTML 9Page - Microchip Technology TC57_13 Datasheet HTML 10Page - Microchip Technology TC57_13 Datasheet HTML 11Page - Microchip Technology TC57_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC57
DS21437C-page 8
 2001-2012 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS (CONTINUED)
40
50
30
10
0
-20
-40
020
40
60
80
-20
-40
020
40
60
80
-20
-40
020
40
60
80
20
TC575002 (5V)
VIN = 6V
6. SUPPLY CURRENT vs. AMBIENT TEMPERATURE
40
50
30
10
0
AMBIENT TEMP. TA (°C)
AMBIENT TEMP. TA (°C)
AMBIENT TEMP. TA (°C)
20
TC574002 (4V)
50
40
20
10
0
30
TC573302 (3.3V)
VIN = 5V
VIN = 4.3V
7. INPUT TRANSIENT RESPONSE
5.4
5.3
5.1
5.0
4.9
Time (0.4 msec/div)
5.2
8
7
5
4
3
6
TC575002 (5V)
IOUT = 10mA, CL = 10μF (Tantalum)
Input Voltage
Output Voltage
5.4
5.3
5.1
5.0
4.9
Time (0.4 msec/div)
5.2
8
7
5
4
3
6
TC575002 (5V)
4.4
4.3
4.1
4.0
3.9
Time (0.4 msec/div)
4.2
4.4
4.3
4.1
4.0
3.9
4.2
7
6
4
3
2
5
7
6
4
3
2
5
TC574002 (4V)
Time (0.4 msec/div)
TC574002 (4V)
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
IOUT = 10mA, CL = 10μF (Tantalum)
IOUT = 100mA, CL = 10μF (Tantalum)
IOUT = 100mA, CL = 10μF (Tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com