Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC57
Description  Line Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC57 Datasheet(HTML) 2 Page - Microchip Technology

  TC57_13 Datasheet HTML 1Page - Microchip Technology TC57_13 Datasheet HTML 2Page - Microchip Technology TC57_13 Datasheet HTML 3Page - Microchip Technology TC57_13 Datasheet HTML 4Page - Microchip Technology TC57_13 Datasheet HTML 5Page - Microchip Technology TC57_13 Datasheet HTML 6Page - Microchip Technology TC57_13 Datasheet HTML 7Page - Microchip Technology TC57_13 Datasheet HTML 8Page - Microchip Technology TC57_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC57
DS21437C-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ....................................................50mA
Output Voltage............................. -0.3V to (VIN + 0.3V)
Power Dissipation.............................................150mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-40°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC55 ELECTRICAL SPECIFICATIONS
TC57EP3002 Electrical Characteristics: SHDN = GND, VIN = VOUT + 1V, VOUT = 3V to 5V, IOUT = 0, TA = 25°C, Test Circuit of
Figure 3-1, unless otherwise noted. (Note 2)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Voltage
—
—
8
V
VEXT
Voltage on EXT Output
—
—
8
V
VOUT
Output Voltage
0.98 X VR VR ±0.5% 1.02 X VR
VIOUT = 50mA (Note 1)
V
OUT
Load Regulation
-60
—
60
mV
1mA
 I
OUT 100mA (Note 3)
VIN - VOUT
Dropout Voltage
—
100
—
mV
IOUT = 100mA (Note 2)
IDD
Supply Current
—
50
80
AV
SHDN = VIN = 5V
ISHDN
Shutdown Supply Current
—
—
0.6
AV
SHDN = GND
V
OUT/VIN
Line Regulation
—
0.1
0.3
%/V
IOUT = 50mA, 4V VIN 8V
(Note 3)
V
OUT/TVOUT Temperature Coefficient
—
±100
—
ppm/°C
IOUT = 10mA, -40°C <TJ85°C
(Note 3)
ILEXT
EXT Pin Leakage Current
—
—
0.5
A
IEXT
EXT Sink Current
—
—
25
mA
Note 4
VIH
SHDN Input High Logic Threshold
1.5
—
—
V
VIL
SHDN Input Low Logic Threshold
—
—
0.25
V
IIH
SHDN Input Current @ VIH
——
0.1
AV
SHDN = VIN = 5V
IIL
SHDN Input Current @ VIL
-0.2
-0.05
0
AV
SHDN = GND
Note
1:
VR is the regulator output voltage setting.
2:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a
1V differential.
3:
Varies with type of pass transistor used. Numbers shown are for the test circuit of Figure 3-1.
4:
The product of IEXT X VEXT must be less than the maximum allowable power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com