Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 4 Page - Microchip Technology

  TC59_13 Datasheet HTML 1Page - Microchip Technology TC59_13 Datasheet HTML 2Page - Microchip Technology TC59_13 Datasheet HTML 3Page - Microchip Technology TC59_13 Datasheet HTML 4Page - Microchip Technology TC59_13 Datasheet HTML 5Page - Microchip Technology TC59_13 Datasheet HTML 6Page - Microchip Technology TC59_13 Datasheet HTML 7Page - Microchip Technology TC59_13 Datasheet HTML 8Page - Microchip Technology TC59_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC59
DS21438C-page 4
 2001-2012 Microchip Technology Inc.
4.0
THERMAL CONSIDERATIONS
4.1
Power Dissipation
The amount of power dissipated internal to the low drop
out linear regulator is the sum of the power dissipation
within the linear pass device (P-Channel MOSFET),
and the quiescent current required to bias the internal
reference and error amplifier. The internal linear pass
device power dissipation is calculated multiplying the
voltage across the linear device times the current
through the device. The input and output voltages are
negative for the TC59. The power dissipation is
calculated using the absolute value of the voltage
difference between the input and output voltage.
TABLE 4-1:
MAXIMUM POWER
DISSIPATION
EQUATION 4-1:
The internal power dissipation as a result of the bias
current for the LDO internal reference and error
amplifier is calculated by multiplying the ground or
quiescent current times the input voltage.
EQUATION 4-2:
The total internal power dissipation is the sum of
Equation 4-1 and Equation 4-2.
EQUATION 4-3:
For the TC59, the internal quiescent bias current is so
low (3
A typical), the P
D (Bias) term of the power
dissipation equation can be ignored. The maximum
power dissipation can be estimated by using the
maximum input voltage and the minimum output
voltage to obtain a maximum voltage differential
between input and output and multiplying the maximum
voltage differential by the maximum output current.
EQUATION 4-4:
For example, given the following conditions:
VIN
= -7.0V ±5%
VOUT
= -5.0V ±2%
IOUT
= 1mA to 40mA
TAMBIENT (MAX) = 55°C
PMAX
= (7V X (1.05) – (5.0V X 0.98)) X 40mA
PMAX
= 98.0 milli-Watts
To determine the junction temperature of the device,
the thermal resistance from junction to air must be
known. The SOT-23-3 RJA is estimated to be
approximately 359°C/W when mounted on a 4-layer
board. The RJA will vary with physical layout, airflow
and other application specific conditions.
The device junction temperature is determined by
calculating
the
junction
temperature
rise
above
ambient, then adding the rise to the ambient
temperature.
EQUATION 4-5:
JUNCTION
TEMPERATURE
(SOT-23 EXAMPLE)
Package Type
Maximum Power
Dissipation
SOT-23-3
150mW
PD (Pass Device) = (VIN – VOUT) X IOUT
PD (Bias) = VIN X IGND
PTOTAL = PD (Pass Device) + PD (Bias)
PMAX = (VIN (MAX) – VOUT (MIN)) X IOUT (MAX)
TJUNCTION = PD (MAX) X RJA + TAMBIENT
TJUNCTION = 98.0 milli-Watts X 359°C/W + 55°C
TJUNCTION = 90.2°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com