Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC59_13 Datasheet HTML 5Page - Microchip Technology TC59_13 Datasheet HTML 6Page - Microchip Technology TC59_13 Datasheet HTML 7Page - Microchip Technology TC59_13 Datasheet HTML 8Page - Microchip Technology TC59_13 Datasheet HTML 9Page - Microchip Technology TC59_13 Datasheet HTML 10Page - Microchip Technology TC59_13 Datasheet HTML 11Page - Microchip Technology TC59_13 Datasheet HTML 12Page - Microchip Technology TC59_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21438C-page 9
TC59
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TC593002 (-3.0V)
AMBIENT TEMP. TOPR (°C)
VIN = -6.0V
-40
-20
0
20
40
60
-3.10
-3.05
-3.00
-2.95
-2.90
-2.85
80
IOUT = 1mA
40mA
5. OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE (CONTINUED)
20mA
AMBIENT TEMP. TOPR (°C)
AMBIENT TEMP. TOPR (°C)
AMBIENT TEMP. TOPR (°C)
-40
-20
0
20
40
60
5
4
3
2
1
0
80
-40
-20
0
20
40
60
5
4
3
2
1
0
TC593002 (-3.0V)
80
-40
-20
0
20
40
60
5
4
3
2
1
0
TC594002 (-4.0V)
80
VIN = -10V
-6V
VIN = -10V
-5V
TC595002 (-5.0V)
VIN = -10V
-4V
6. SUPPLY CURRENT vs. AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com