Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC59_13 Datasheet HTML 4Page - Microchip Technology TC59_13 Datasheet HTML 5Page - Microchip Technology TC59_13 Datasheet HTML 6Page - Microchip Technology TC59_13 Datasheet HTML 7Page - Microchip Technology TC59_13 Datasheet HTML 8Page - Microchip Technology TC59_13 Datasheet HTML 9Page - Microchip Technology TC59_13 Datasheet HTML 10Page - Microchip Technology TC59_13 Datasheet HTML 11Page - Microchip Technology TC59_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TC59
DS21438C-page 8
 2001-2012 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
INPUT VOLTAGE VIN (V)
0
-2
-4
-6
-8
-10
TC594002 (-4.0V)
0-2
-4
-6
-8
-10
TC593002 (-3.0V)
TC593002 (-3.0V)
4. SUPPLY CURRENT vs. INPUT VOLTAGE (CONTINUED)
0
1
2
3
4
5
-4
-5
-6
-7
-8
-9
TC594002 (-4.0V)
-10
TOPR = 25°C
80
°C
-40
°C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
TOPR = 25°C
80
°C
-40
°C
4.0
1.0
1.5
2.0
2.5
3.0
3.5
-3
-4
-5
-6
-7
-8
-9
-10
TOPR = 25°C
80
°C
-40
°C
0
1
2
3
4
5
TOPR = 25°C
80
°C
-40
°C
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
AMBIENT TEMP. TOPR (°C)
AMBIENT TEMP. TOPR (°C)
-40
-20
0
20
40
60
TC595002 (-5.0V)
80
-40
-20
0
20
40
60
TC594002 (-4.0V)
80
-4.85
-4.90
-4.95
-5.00
-5.05
-5.10
-3.85
-3.90
-3.95
-4.00
-4.05
-4.10
40mA
IOUT = 1mA
20mA
20mA
IOUT = 1mA
40mA
5. OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
VIN = -6.0V
VIN = -6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com