Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC59_13 Datasheet HTML 3Page - Microchip Technology TC59_13 Datasheet HTML 4Page - Microchip Technology TC59_13 Datasheet HTML 5Page - Microchip Technology TC59_13 Datasheet HTML 6Page - Microchip Technology TC59_13 Datasheet HTML 7Page - Microchip Technology TC59_13 Datasheet HTML 8Page - Microchip Technology TC59_13 Datasheet HTML 9Page - Microchip Technology TC59_13 Datasheet HTML 10Page - Microchip Technology TC59_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21438C-page 7
TC59
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TC595002 (-3.0V)
OUTPUT CURRENT IOUT (mA)
TC595002 (-4.0V)
OUTPUT CURRENT IOUT (mA)
0
20
40
60
80
100
TC595002 (-5.0V)
IOUT (mA)
0
200
400
600
800
0
40
80
0
200
400
600
800
0
40
100
0
200
400
600
800
3. INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
20
60
100
TOPR = 25°C
80
°C
-40
°C
20
80
60
TOPR = 25°C
80
°C
-40
°C
TOPR = 25°C
C
80
°C
-40
°C
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
4. SUPPLY CURRENT vs. INPUT VOLTAGE
TC595002 (-5.0V
)
0
1
2
3
4
5
-5
-6
-7
-8
-9
TC595002 (-5.0V)
1.5
2.0
2.5
3.0
3.5
4.0
-10
0
-6
-10
-2
-4
-8
TOPR = 25°C
80
°C
-40
°C
1.0
TOPR = 25°C
80
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com