Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 3 Page - Microchip Technology

  TC77_13 Datasheet HTML 1Page - Microchip Technology TC77_13 Datasheet HTML 2Page - Microchip Technology TC77_13 Datasheet HTML 3Page - Microchip Technology TC77_13 Datasheet HTML 4Page - Microchip Technology TC77_13 Datasheet HTML 5Page - Microchip Technology TC77_13 Datasheet HTML 6Page - Microchip Technology TC77_13 Datasheet HTML 7Page - Microchip Technology TC77_13 Datasheet HTML 8Page - Microchip Technology TC77_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2002-2012 Microchip Technology Inc.
DS20092B-page 3
TC77
Digital Input/Output
High Level Input Voltage
VIH
0.7 VDD
—VDD + 0.3
V
Low Level Input Voltage
VIL
-0.3
—
0.3 VDD
V
High Level Output Voltage
VOH
2.4
—
—
V
IOH = -400 µA
Low Level Output Voltage
VOL
——
0.4
V
IOL = +2 mA
Input Current
IIN(0),
IIN(1)
-1.0
-1.0
—
—
+1.0
+1.0
µA
VIN = GND
VIN = VDD
Input Hysteresis
0.35
0.8
—
V
SI/O, SCK
Pin Capacitance
CIN, COUT
—20
—
pF
Tri-state Output Leakage
Current
IO_LEAK
-1.0
—
—
—
—
+1.0
µA
VO = GND
VO = VDD
Serial Port AC Timing (Notes 2, 3)
Clock Frequency
fCLK
DC
—
7.0
MHz
CS Fall to First Rising SCK
Edge
tCS-SCK
100
—
—
ns
CS Low to Data Out Delay
tCS-SI/O
——
70
ns
SCK Fall to Data Out Delay
tDO
——
100
ns
CS High to Data Out
Tri-state
tDIS
——
200
ns
SCK High to Data In Hold Time
tHD
50
—
—
ns
Data In Set-up Time
tSU
30
—
—
ns
Thermal Package Resistance
Thermal Resistance, SOT23-5
JA
—230
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—163
—
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, all parameters apply at VDD = 2.7V to 5.5V and
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: The TC77-3.3MXX and TC77-5.0MXX will operate from a supply voltage of 2.7V to 5.5V. However, the tem-
perature accuracy of the TC77-3.3MXX and TC77-5.0MXX is specified at the nominal operating voltages of
3.3V and 5.0V, respectively. As VDD varies from the nominal operating value, the accuracy may be
degraded (Refer to Figures 2-6 and 2-7).
2: All time measurements are measured with respect to the 50% point of the signal.
3: Load Capacitance, CL = 80 pF, is used for AC timing measurements of output signals.
4: Resolution = Temperature Range/No. of Bits = (+255°C – -256°C) / (213)
Resolution = 512/8192 = 0.0625°C/Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com