Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC77_13 Datasheet HTML 8Page - Microchip Technology TC77_13 Datasheet HTML 9Page - Microchip Technology TC77_13 Datasheet HTML 10Page - Microchip Technology TC77_13 Datasheet HTML 11Page - Microchip Technology TC77_13 Datasheet HTML 12Page - Microchip Technology TC77_13 Datasheet HTML 13Page - Microchip Technology TC77_13 Datasheet HTML 14Page - Microchip Technology TC77_13 Datasheet HTML 15Page - Microchip Technology TC77_13 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC77
DS20092B-page 12
 2002-2012 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
The TC77 does not require any additional components
in order to measure temperature. However, it is recom-
mended that a decoupling capacitor of 0.1 µF to 1 µF
be provided between the VDD and VSS (Ground) pins (a
high frequency ceramic capacitor should be used). It is
necessary for the capacitor to be located as close as
possible to the integrated circuit (IC) power pins in
order to provide effective noise protection to the TC77.
The TC77 measures temperature by monitoring the
voltage of a diode located on the IC die. A low-imped-
ance thermal path between the die and the printed cir-
cuit board (PCB) is provided by the IC pins of the TC77.
Therefore, the TC77 effectively monitors the tempera-
ture of the PCB board. The thermal path between the
ambient air is not as efficient because the plastic IC
housing package functions as a thermal insulator.
Thus, the ambient air temperature (assuming that a
large temperature gradient exists between the air and
PCB) has only a small effect on the temperature
measured by the TC77.
A potential for self-heating errors can exist if the TC77
SPI communication lines are heavily loaded. Typically,
the self-heating error is negligible because of the rela-
tively small current consumption of the TC77. A tem-
perature accuracy error of approximately 0.5°C will
result from self-heating if the SPI communication pins
sink/source the maximum current specified for the
TC77. Therefore, to maximize the temperature accu-
racy, the output loading of the SPI signals should be
minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com