Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 1 Page - Microchip Technology

  TC77_13 Datasheet HTML 1Page - Microchip Technology TC77_13 Datasheet HTML 2Page - Microchip Technology TC77_13 Datasheet HTML 3Page - Microchip Technology TC77_13 Datasheet HTML 4Page - Microchip Technology TC77_13 Datasheet HTML 5Page - Microchip Technology TC77_13 Datasheet HTML 6Page - Microchip Technology TC77_13 Datasheet HTML 7Page - Microchip Technology TC77_13 Datasheet HTML 8Page - Microchip Technology TC77_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2002-2012 Microchip Technology Inc.
DS20092B-page 1
TC77
Features
• Digital Temperature Sensing in 5-Pin SOT-23A
and 8-Pin SOIC Packages
• Outputs Temperature as a 13-Bit Digital Word
• SPI and MICROWIRE™ Compatible Interface
• Solid State Temperature Sensing
• ±1°C (max.) accuracy from +25°C to +65°C
• ±2°C (max.) accuracy from -40°C to +85°C
• ±3°C (max.) accuracy from -55°C to +125°C
• 2.7V to 5.5V Operating Range
•Low Power
- 250 µA (typ.) Continuous Conversion Mode
- 0.1 µA (typ.) Shutdown Mode
Typical Applications
• Thermal Protection for Hard Disk Drives and
Other PC Peripherals
• PC Card Devices for Notebook Computers
• Low Cost Thermostat Controls
• Industrial Control
• Office Equipment
• Cellular Phones
• Thermistor Replacement
Block Diagram
Description
The TC77 is a serially accessible digital temperature
sensor particularly suited for low cost and small form-
factor applications. Temperature data is converted from
the internal thermal sensing element and made avail-
able at anytime as a 13-bit two’s compliment digital
word. Communication with the TC77 is accomplished
via a SPI and MICROWIRE compatible interface. It has
a 12-bit plus sign temperature resolution of 0.0625°C
per Least Significant Bit (LSb). The TC77 offers a tem-
perature accuracy of ±1.0°C (max.) over the tempera-
ture range of +25°C to +65°C. When operating, the
TC77 consumes only 250 µA (typ.). The TC77’s Con-
figuration register can be used to activate the low
power Shutdown mode, which has a current consump-
tion of only 0.1 µA (typ.). Small size, low cost and ease
of use make the TC77 an ideal choice for implementing
thermal management in a variety of systems.
Package Types
Typical Application
TC77
Diode
Temperature
Sensor
VDD
SCK
CS
Serial
Port
Interface
SI/O
13-Bit
Sigma Delta
A/D Converter
Register
Temperature
Register
Internal
Configuration
Manufacturer
ID Register
VSS
SOT-23-5
1
SOIC
1
VDD
VSS
SCK
SI/O
CS
TC77
TC77
SCK
SI/O
VSS
NC
CS
VDD
NC
NC
AN0
SCK
SDI
CS
SCK
SI/O
TC77
0.1µF
VDD
VSS
VDD
PIC®
MCU
Thermal Sensor with SPI Interfa
ce


Similar Part No. - TC77_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
France Joint
TC77X100X10 FRANCEJOINT-TC77X100X10 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC77X100X11.5 FRANCEJOINT-TC77X100X11.5 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results

Similar Description - TC77_13

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC77 MICROCHIP-TC77 Datasheet
374Kb / 22P
Thermal Sensor with SPI Interface
2002
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
Analog Sensor Interface Chip- SAR ADC with SPI
logo
Microchip Technology
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
Thermal Sensor with SPI Interface
08/01/02
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com