Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC77_13 Datasheet HTML 2Page - Microchip Technology TC77_13 Datasheet HTML 3Page - Microchip Technology TC77_13 Datasheet HTML 4Page - Microchip Technology TC77_13 Datasheet HTML 5Page - Microchip Technology TC77_13 Datasheet HTML 6Page - Microchip Technology TC77_13 Datasheet HTML 7Page - Microchip Technology TC77_13 Datasheet HTML 8Page - Microchip Technology TC77_13 Datasheet HTML 9Page - Microchip Technology TC77_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC77
DS20092B-page 6
 2002-2012 Microchip Technology Inc.
FIGURE 2-7:
Temperature Accuracy vs.
Supply Voltage (TC77-5.0MXX).
FIGURE 2-8:
Histogram of Temperature
Accuracy at -55 Degrees C (TC77-XXMXX).
FIGURE 2-9:
Histogram of Temperature
Accuracy at -40 Degrees C (TC77-XXMXX).
FIGURE 2-10:
Histogram of Temperature
Accuracy at +25 Degrees C (TC77-XXMXX).
FIGURE 2-11:
Histogram of Temperature
Accuracy at +65 Degrees C (TC77-XXMXX).
FIGURE 2-12:
Histogram of Temperature
Accuracy at +85 Degrees C (TC77-XXMXX).
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
Supply Voltage (V)
TC77-5.0MXX
TA = -25°C
TA = +25°C
TA = +85°C
0
5
10
15
20
25
30
35
-3 -2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
3
Temperature Error (°C)
Sample Size = 108
TA = -55°C
0
5
10
15
20
25
30
35
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Temperature Error (°C)
Sample Size = 108
TA = -40°C
0
5
10
15
20
25
30
35
40
45
50
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
Temperature Error (°C)
Sample Size = 108
TA = +25°C
0
5
10
15
20
25
30
35
40
45
50
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
Temperature Error (°C)
Sample Size = 108
TA = +65°C
0
10
20
30
40
50
60
70
80
90
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Temperature Error (°C)
Sample Size = 108
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com