Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 5 Page - Microchip Technology

  TC429_13 Datasheet HTML 1Page - Microchip Technology TC429_13 Datasheet HTML 2Page - Microchip Technology TC429_13 Datasheet HTML 3Page - Microchip Technology TC429_13 Datasheet HTML 4Page - Microchip Technology TC429_13 Datasheet HTML 5Page - Microchip Technology TC429_13 Datasheet HTML 6Page - Microchip Technology TC429_13 Datasheet HTML 7Page - Microchip Technology TC429_13 Datasheet HTML 8Page - Microchip Technology TC429_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21416D-page 5
TC429
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 7V  VDD  18V.
FIGURE 2-1:
Rise/Fall Times vs. Supply
Voltage.
FIGURE 2-2:
Rise/Fall Times vs.
Temperature.
FIGURE 2-3:
Rise/Fall Times vs.
Capacitive Load.
FIGURE 2-4:
Supply Current vs.
Capacitive Load.
FIGURE 2-5:
Delay Times vs.
Temperature.
FIGURE 2-6:
Delay Times vs. Supply
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
60
50
40
30
20
10
510
15
20
SUPPLY VOLTAGE (V)
TA = +25°C
CL = 2500 pF
tR
tF
60
50
40
30
20
10
075
TEMPERATURE (
°C)
CL = 2500 pF
VDD = +15V
-50 -25
25 50
100 125 150
tR
tF
100
10
1
100
1K
10K
CAPACITIVE LOAD (pF)
tR
tF
TA = +25°C
VDD = +15V
70
60
50
40
30
20
10
0
10
100
1K
10K
CAPACITIVE LOAD (pF)
200 kHz
20 kHz
TA = +25°C
VDD = +15V
400 kHz
90
80
70
60
50
40
075
TEMPERATURE (
°C)
-50 -25
25 50
100 125
tD2
tD1
CL = 2500 pF
VDD = +15V
150
140
120
100
80
60
40
5
10
15
20
SUPPLY VOLTAGE (V)
tD1
tD2
TA = +25°C
CL = 2500 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com