Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC429_13 Datasheet HTML 2Page - Microchip Technology TC429_13 Datasheet HTML 3Page - Microchip Technology TC429_13 Datasheet HTML 4Page - Microchip Technology TC429_13 Datasheet HTML 5Page - Microchip Technology TC429_13 Datasheet HTML 6Page - Microchip Technology TC429_13 Datasheet HTML 7Page - Microchip Technology TC429_13 Datasheet HTML 8Page - Microchip Technology TC429_13 Datasheet HTML 9Page - Microchip Technology TC429_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC429
DS21416D-page 6
 2002-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 7V  VDD  18V.
FIGURE 2-7:
Supply Current vs.
Frequency.
FIGURE 2-8:
Supply Current vs. Supply
Voltage.
FIGURE 2-9:
Supply Current vs.
Temperature.
.
FIGURE 2-10:
Voltage Transfer
Characterstics.
FIGURE 2-11:
High Output Voltage
(VDD-VOH) vs. Output Source Current.
FIGURE 2-12:
Low Output Voltage vs.
Output Sink Current.
50
40
30
20
10
0
1
10
100
1K
15V
10V
VDD = 18V
5V
TA = +25°C
CL = 2500 pF
FREQUENCY (kHz)
4
2
04
8
12
16
20
SUPPLY VOLTAGE (V)
TA = +25°C
RL = ∞
INPUT LOGIC "1"
4
3
2
-75
-25
50
100
150
TEMPERATURE (
°C)
-50
0
25
75
125
VDD = +18°C
RL = ∞
INPUT LOGIC "1"
HYSTERESIS
≈310 mV
200 mV
300 mV
20
15
10
5
0
1.25
0.25 0.50 0.75
1
1.50 1.75
2
TA = +25°C
INPUT VOLTAGE (V)
400
300
200
100
SOURCE CURRENT (mA)
0
20
40
60
80
100
VDD = 5V
10V
15V
18V
TA = +25°C
400
300
200
100
SINK CURRENT (mA)
0
20
40
60
80
100
VDD = 5V
10V
15V
18V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com