Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 1 Page - Microchip Technology

  TC429_13 Datasheet HTML 1Page - Microchip Technology TC429_13 Datasheet HTML 2Page - Microchip Technology TC429_13 Datasheet HTML 3Page - Microchip Technology TC429_13 Datasheet HTML 4Page - Microchip Technology TC429_13 Datasheet HTML 5Page - Microchip Technology TC429_13 Datasheet HTML 6Page - Microchip Technology TC429_13 Datasheet HTML 7Page - Microchip Technology TC429_13 Datasheet HTML 8Page - Microchip Technology TC429_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21416D-page 1
TC429
Features
• High Peak Output Current: 6A
• Wide Input Supply Voltage Operating Range:
-
7V to 18V
• High-Impedance CMOS Logic Input
• Logic Input Threshold Independent of Supply
Voltage
• Low Supply Current:
- With Logic ‘1’ Input – 5 mA max.
- With Logic ‘0’ Input – 0.5 mA max.
• Output Voltage Swing Within 25 mV of Ground
or VDD
• Short Delay Time: 75 nsec max
• Available in the Space-Saving 8-Pin SOIC
Package.
• High Capacitive Load Drive Capability:
-tRISE, tFALL = 35 nsec max with
CLOAD = 2500 pF
Applications
• Switch-Mode Power Supplies
• CCD Drivers
• Pulse Transformer Drive
• Class D Switching Amplifiers
Package Types
General Description
The TC429 is a high-speed, single output, CMOS-level
translator and driver. Designed specifically to drive
highly capacitive power MOSFET gates, the TC429
features a 2.5
 output impedance and 6A peak output
current drive.
A 2500 pF capacitive load will be driven to 18V in
25 nsec.
The
rapid
switching
times
with
large
capacitive loads minimize MOSFET switching power
losses.
A TTL/CMOS input logic level is translated into an
output voltage swing that equals the supply voltage and
will swing to within 25 mV of ground or VDD. Input volt-
age swing may equal the supply voltage. Logic input
current is under 10 µA, making direct interface to
CMOS/bipolar switch-mode power supply controllers
easy. Input “speed-up” capacitors are not required.
The CMOS design minimizes quiescent power supply
current. With a logic ‘1’ input, power supply current is
5 mA maximum and decreases to 0.5 mA for logic ‘0’
inputs.
For dual output MOSFET drivers, see the TC426/
TC427/TC428 (DS21415), TC4426/TC4427/TC4428
(DS21422)
and
TC4426A/TC4427A/TC4428A
(DS21423) data sheets.
For non-inverting applications, or applications requiring
latch-up
protection,
see
the
TC4420/TC4429
(DS21419) data sheet.
CERDIP/PDIP/SOIC
1
2
3
4
VDD
5
6
7
8
OUTPUT
GND
VDD
INPUT
NC
GND
OUTPUT
TC429
NC = No Internal Connection
Note: Duplicate pins must both be connected for
proper operation.
6A Single High-Speed, CMOS Power MOSFET Driver


Similar Part No. - TC429_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429CPA TELCOM-TC429CPA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429CPA MICROCHIP-TC429CPA Datasheet
542Kb / 14P
6A Single High-Speed, CMOS Power MOSFET Driver
2002
logo
TelCom Semiconductor, I...
TC429EPA TELCOM-TC429EPA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429EPA MICROCHIP-TC429EPA Datasheet
542Kb / 14P
6A Single High-Speed, CMOS Power MOSFET Driver
2002
logo
TelCom Semiconductor, I...
TC429MJA TELCOM-TC429MJA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
More results

Similar Description - TC429_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
Microchip Technology
TC429 MICROCHIP-TC429 Datasheet
542Kb / 14P
6A Single High-Speed, CMOS Power MOSFET Driver
2002
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
July 6, 2006
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
6A Single High-Speed, CMOS Power MOSFET Driver
2003
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
November 2, 2010
logo
Microchip Technology
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com