Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC429_13 Datasheet HTML 12Page - Microchip Technology TC429_13 Datasheet HTML 13Page - Microchip Technology TC429_13 Datasheet HTML 14Page - Microchip Technology TC429_13 Datasheet HTML 15Page - Microchip Technology TC429_13 Datasheet HTML 16Page - Microchip Technology TC429_13 Datasheet HTML 17Page - Microchip Technology TC429_13 Datasheet HTML 18Page - Microchip Technology TC429_13 Datasheet HTML 19Page - Microchip Technology TC429_13 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21416D-page 17
TC429
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC429:
6A Single MOSFET Driver
Temperature Range: C
=
0°C to +70°C
E
=
-40°C to +85°C
M
=
-55°C to +125°C (CERDIP only)
Package:
JA
= Plastic CERDIP, (300 mil Body), 8-lead
OA
= Plastic SOIC, (150 mil Body), 8-lead *
OA713 = Plastic SOIC, (150 mil Body), 8-lead *
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
* SOIC package offered in E-Temp only
Examples:
a)
TC429CPA: 6A Single MOSFET driver,
PDIP package, 0°C to +70°C.
b)
TC429MJA: 6A Single MOSFET driver,
CERDIP package, -55°C to +125°C.
c)
TC429EPA: 6A Single MOSFET driver,
PDIP package, -40°C to +85°C.
d)
TC429EOA713: Tape and Reel,
6A Single MOSFET driver, SOIC package, -
40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com