Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet (PDF) - Microchip Technology

TC429 Datasheet PDF - Microchip Technology
Part # TC429
Download  TC429 Download
File Size   542.37 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A Single High-Speed, CMOS Power MOSFET Driver

TC429 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC429 Datasheet PDF - Microchip Technology

Part # TC429
Download  TC429 Click to download

File Size   542.37 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A Single High-Speed, CMOS Power MOSFET Driver

TC429 Datasheet (HTML) - Microchip Technology


TC429 Product details

GENERAL DESCRIPTION
The TC429 is a high-speed, single CMOS-level translator and driver. Designed specifically to drive highly capacitive power MOSFET gates, the TC429 features 2.5Ω output impedance and 6A peak output current drive.
A 2500pF capacitive load will be driven 18V in 25nsec. Delay time through the device is 60nsec. The rapid switching times with large capacitive loads minimize MOSFET transition power loss.
A TTL/CMOS input logic level is translated into an output voltage swing that equals the supply and will swing to within 25mV of ground or VDD. Input voltage swing may equal the supply. Logic input current is under 10µA, making direct interface to CMOS/bipolar switch-mode power supply controllers easy. Input "speed-up" capacitors are not required.
The CMOS design minimizes quiescent power supply current. With a logic 1 input, power supply current is 5mA maximum and decreases to 0.5mA for logic 0 inputs. For dual devices, see the TC426/TC427/TC428 data sheet.
For noninverting applications, or applications requiring latch-up protection, see the TC4420/TC4429 data sheet.

FEATURES
■ High Peak Output Current .................................. 6A
■ Wide Operating Range ............................. 7V to 18V
■ High-Impedance CMOS Logic Input
■ Logic Input Threshold Independent of Supply Voltage
■ Low Supply Current
   — With Logic 1 Input ................................ 5mA Max
   — With Logic 0 Input ............................. 0.5mA Max
■ Output Voltage Swing Within 25 mV of Ground or VDD
■ Short Delay Time .................................. 75nsec Max
■ High Capacitive Load Drive Capability
   — tRISE, tFALL = 35nsec Max With CLOAD = 2500pF

APPLICATIONS
■ Switch-Mode Power Supplies
■ CCD Drivers
■ Pulse Transformer Drive
■ Class D Switching Amplifiers




Similar Part No. - TC429

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429 MICROCHIP-TC429 Datasheet
415Kb / 18P
6A Single High-Speed, CMOS Power MOSFET Driver
2003
logo
TelCom Semiconductor, I...
TC429CPA TELCOM-TC429CPA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
TC429EPA TELCOM-TC429EPA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
TC429MJA TELCOM-TC429MJA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
More results


Similar Description - TC429

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
July 6, 2006
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
6A Single High-Speed, CMOS Power MOSFET Driver
2003
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
November 2, 2010
logo
Microchip Technology
TC429 MICROCHIP-TC429_13 Datasheet
370Kb / 20P
6A Single High-Speed, CMOS Power MOSFET Driver
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com