Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC429 Datasheet HTML 5Page - Microchip Technology TC429 Datasheet HTML 6Page - Microchip Technology TC429 Datasheet HTML 7Page - Microchip Technology TC429 Datasheet HTML 8Page - Microchip Technology TC429 Datasheet HTML 9Page - Microchip Technology TC429 Datasheet HTML 10Page - Microchip Technology TC429 Datasheet HTML 11Page - Microchip Technology TC429 Datasheet HTML 12Page - Microchip Technology TC429 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2002 Microchip Technology Inc.
DS21416B-page 9
TC429
TYPICAL CHARACTERISTICS (CONTINUED)
HYSTERESIS
≈310mV
200mV
3
300mV
20
15
10
5
0
1.25
0.25 0.50 0.75
1
1.50 1.75
2
T = +25
°C
INPUT VOLTAGE (V)
Voltage Transfer Characteristics
400
300
200
100
CURRENT SOURCED (mA)
020
40
60
80
100
VDD = 5V
10V
15V
15V
18V
18V
T
TA = +25°C
High Output Voltage vs. Current
400
300
200
100
CURRENT SUNK (mA)
0
20
40
60
80
100
VDD = 5V
10V
15V
15V
18V
18V
TA = +25°C
Low Output Voltage vs. Current
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8-Pin DIP
Thermal Derating Curves
8-
8-Pin CERDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com