Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC429 Datasheet HTML 2Page - Microchip Technology TC429 Datasheet HTML 3Page - Microchip Technology TC429 Datasheet HTML 4Page - Microchip Technology TC429 Datasheet HTML 5Page - Microchip Technology TC429 Datasheet HTML 6Page - Microchip Technology TC429 Datasheet HTML 7Page - Microchip Technology TC429 Datasheet HTML 8Page - Microchip Technology TC429 Datasheet HTML 9Page - Microchip Technology TC429 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC429
DS21416B-page 6
 2002 Microchip Technology Inc.
FIGURE 3-3:
SWITCHING TIME
DEGRADATION DUE TO
NEGATIVE FEEDBACK
3.3
Input Stage
The input voltage level changes the no-load or
quiescent supply current. The N-channel MOSFET
input stage transistor drives a 3mA current source load.
With a logic “1” input, the maximum quiescent supply
current is 5mA. Logic “0” input level signals reduce
quiescent current to 500
µA maximum.
The TC429 input is designed to provide 300mV of
hysteresis, providing clean transitions and minimizing
output stage current spiking when changing states.
Input voltage levels are approximately 1.5V, making the
device TTL compatible over the 7V to 18V operating
supply range. Input current is less than 10
µA over this
range.
The TC429 can be directly driven by TL494, SG1526/
1527,
SG1524,
SE5560 or
similar
switch-mode
power supply integrated circuits. By off-loading the
power-driving duties to the TC429, the power supply
controller can operate at lower dissipation, improving
performance and reliability.
FIGURE 3-4:
PEAK OUTPUT CURRENT
TEST CIRCUIT
3.4
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families such as the 4000 and 74C
have outputs that can only supply a few milliamperes of
current, and even shorting outputs to ground will not
force enough current to destroy the device. The TC429,
however, can source or sink several amperes and drive
large capacitive loads at high frequency. The package
power dissipation limit can easily be exceeded.
Therefore, some attention should be given to power
dissipation when driving low impedance loads and/or
operating at high frequency.
The supply current versus frequency and supply
current versus capacitive load characteristic curves will
aid in determining power dissipation calculations.
Table 3-1 lists the maximum operating frequency for
several power supply voltages when driving a 2500pF
load. More accurate power dissipation figures can be
obtained by summing the three power sources.
Input signal duty cycle, power supply voltage and
capacitive load influence package power dissipation.
Given power dissipation and package thermal resis-
tance, the maximum ambient operation temperature
is easily calculated. The 8-pin CERDIP junction-to-
ambient thermal resistance is 150
°C/W. At +25°C, the
package is rated at 800mW maximum dissipation.
Maximum allowable chip temperature is +150
°C.
TC429
1
µF
0.1
µF
0.1
µF
0V
18V
2.4V
0V
Logic
Ground
Power
Ground
300 mV
6A
PC Trace Resistance = 0.05W
2500pF
1
8
6,7
5
4
2
+18V
TEK Current
Probe 6302
TC429
1
µF
0.1
µF
0.1
µF
0V
18V
2.4V
0V
2500pF
1
8
6,7
5
4
2
TEK Current
Probe 6302
+18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com