Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 1 Page - Microchip Technology

  TC429 Datasheet HTML 1Page - Microchip Technology TC429 Datasheet HTML 2Page - Microchip Technology TC429 Datasheet HTML 3Page - Microchip Technology TC429 Datasheet HTML 4Page - Microchip Technology TC429 Datasheet HTML 5Page - Microchip Technology TC429 Datasheet HTML 6Page - Microchip Technology TC429 Datasheet HTML 7Page - Microchip Technology TC429 Datasheet HTML 8Page - Microchip Technology TC429 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002 Microchip Technology Inc.
DS21416B-page 1
M
TC429
Features
• High Peak Output Current: 6A
• Wide Operating Range: 7V to 18V
• High Impedance CMOS Logic Input
• Logic Input Threshold Independent of Supply
Voltage
• Low Supply Current
- With Logic 1 Input – 5mA Max
- With Logic 0 Input – 0.5mA Max
• Output Voltage Swing Within 25mV of Ground
or VDD
• Short Delay Time: 75nsec Max
• High Capacitive Load Drive Capability
-tRISE, tFALL = 35nsec Max With
CLOAD = 2500pF
Applications
• Switch-Mode Power Supplies
• CCD Drivers
• Pulse Transformer Drive
• Class D Switching Amplifiers
Device Selection Table
Package Type
General Description
The TC429 is a high-speed, single CMOS-level
translator and driver. Designed specifically to drive
highly capacitive power MOSFET gates, the TC429
features 2.5
Ω output impedance and 6A peak output
current drive.
A 2500pF capacitive load will be driven 18V in 25nsec.
The rapid switching times with large capacitive loads
minimize MOSFET transition power loss.
A TTL/CMOS input logic level is translated into an
output voltage swing that equals the supply and will
swing to within 25mV of ground or VDD. Input voltage
swing may equal the supply. Logic input current is
under 10
µA, making direct interface to CMOS/bipolar
switch-mode power supply controllers easy. Input
“speed-up” capacitors are not required.
The CMOS design minimizes quiescent power supply
current. With a logic 1 input, power supply current is
5mA maximum and decreases to 0.5mA for logic 0
inputs.
For dual devices, see the TC426/TC427/TC428,
TC4426/TC4427/TC4428
and
TC4426A/TC4427A/
TC4428A data sheets.
For noninverting applications, or applications requiring
latch-up protection, see the TC4420/TC4429 data
sheet.
Typical Application
Part Number
Package
Temp. Range
TC429CPA
8-Pin PDIP
0°C to +70°C
TC429EPA
8-Pin PDIP
-40°C to +85°C
TC429MJA
8-Pin CERDIP
-55°C to +125°C
NC = No internal connection
NOTE: Duplicate pins must both be connected for proper operation.
18
27
36
45
TC429
GND
GND
NC
INPUT
VDD
OUTPUT
OUTPUT
VDD
8-Pin PDIP/CERDIP
Output
Input
GND
Effective
Input
C = 38pF
VDD
300mV
2
4,5
1,8
6,7
TC429
6A Single High-Speed, CMOS Power MOSFET Driver


Similar Part No. - TC429

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429 MICROCHIP-TC429 Datasheet
415Kb / 18P
6A Single High-Speed, CMOS Power MOSFET Driver
2003
logo
TelCom Semiconductor, I...
TC429CPA TELCOM-TC429CPA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
TC429EPA TELCOM-TC429EPA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
TC429MJA TELCOM-TC429MJA Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
More results

Similar Description - TC429

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
July 6, 2006
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
6A Single High-Speed, CMOS Power MOSFET Driver
2003
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
November 2, 2010
logo
Microchip Technology
TC429 MICROCHIP-TC429_13 Datasheet
370Kb / 20P
6A Single High-Speed, CMOS Power MOSFET Driver
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com