Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC665 Datasheet(PDF) 21 Page - Microchip Technology

Part # TC665
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC665 Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC665 Datasheet HTML 17Page - Microchip Technology TC665 Datasheet HTML 18Page - Microchip Technology TC665 Datasheet HTML 19Page - Microchip Technology TC665 Datasheet HTML 20Page - Microchip Technology TC665 Datasheet HTML 21Page - Microchip Technology TC665 Datasheet HTML 22Page - Microchip Technology TC665 Datasheet HTML 23Page - Microchip Technology TC665 Datasheet HTML 24Page - Microchip Technology TC665 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21737B-page 21
TC664/TC665
6.5
DUTY-CYCLE Register
(DUTY_CYCLE)
The DUTY_CYCLE register is a 4-bit read/writable reg-
ister used to control the duty cycle of the VOUT output.
The controllable duty cycle range via this register is
30% to 100%, with programming steps of 4.67%.This
method of duty cycle control is mainly used with the
SMBus interface. However, if the VIN method of duty
cycle control has been selected (or defaulted to), and
the VIN pin is open, the duty cycle will go to the default
setting for this register, which is 0010 (39.33%). The
duty cycle settings are shown in Register 6-5.
REGISTER 6-5:
DUTY-CYCLE REGISTER
(DUTY_CYCLE)
6.6
Manufacturer’s Identification
Register (MFR_ID)
This register allows the user to identify the manufac-
turer of the part. The MFR_ID register is an 8-bit Read
only register. See Register 6-6 for the Microchip manu-
facturer ID.
REGISTER 6-6:
MANUFACTURER’S
IDENTIFICATION
REGISTER (MFR_ID)
6.7
Version ID Register (VER_ID)
This register is used to indicate which version of the
device is being used, either the TC664 or the TC665.
This register is a simple 2-bit Read only register.
REGISTER 6-7:
VERSION ID REGISTER
(VER_ID)
D(3)
D(2)
D(1)
D(0)
Duty-Cycle
00
00
30%
0
0
0
1
34.67%
0
0
1
0
39.33% (default for VIN
open and when SMBus
is not selected)
00
11
44%
0
1
0
0
48.67%
0
1
0
1
53.33%
01
10
58%
0
1
1
1
62.67%
1
0
0
0
67.33%
10
01
72%
1
0
1
0
76.67%
1
0
1
1
81.33%
11
00
86%
1
1
0
1
90.67%
1
1
1
0
95.33%
1
1
1
1
100%
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
01010100
D[1]
D[0] Version
10
TC664
11
TC665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com