Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC665 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC665
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC665 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC665 Datasheet HTML 5Page - Microchip Technology TC665 Datasheet HTML 6Page - Microchip Technology TC665 Datasheet HTML 7Page - Microchip Technology TC665 Datasheet HTML 8Page - Microchip Technology TC665 Datasheet HTML 9Page - Microchip Technology TC665 Datasheet HTML 10Page - Microchip Technology TC665 Datasheet HTML 11Page - Microchip Technology TC665 Datasheet HTML 12Page - Microchip Technology TC665 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21737B-page 9
TC664/TC665
4.0
DEVICE OPERATION
The TC664/TC665 devices allow you to control, moni-
tor and communicate (via SMBus) fan speed for 2-wire
and 3-wire DC brushless fans. By pulse width modulat-
ing (PWM) the voltage across the fan, the TC664/
TC665 controls fan speed according to the system tem-
perature.The goal of temperature proportional fan
speed control is to reduce fan power consumption,
increase fan life and reduce system acoustic noise.
With the TC664/TC665 devices, fan speed can be con-
trolled by the analog input VIN or the SMBus interface,
allowing for high system flexibility.
The TC664/TC665 devices also measure and monitor
fan revolutions per minute (RPM). A fan’s speed (RPM)
is a measure of its health. As a fan’s bearings wear out,
the fan slows down and eventually stops (locked rotor).
By monitoring the fan’s RPM level, the TC664/TC665
devices can detect open, shorted, unconnected and
locked rotor fan conditions. The fan speed threshold
can be set to provide a predictive fan failure feature.
This feature can be used to give a system warning and,
in many cases, help to avoid a system thermal shut-
down condition. The fan RPM data and threshold reg-
isters are available over the SMBus interface which
allows for complete system control.
The TC664/TC665 devices are identical in every
aspect except for how they indicate an over-tempera-
ture condition. When VIN voltage exceeds 2.6 V (typi-
cal), both devices will set OTF (bit 5<X>) in the Status
Register to a '1'. The TC665 will additionally pull the
FAULT
output
low
during
an
over-temperature
condition.
FIGURE 4-1:
Typical Application Circuit.
1
2
3
4
5
6
7
8
9
10
+5 V
FAN
RISO
RSENSE
CSENSE
NTC Thermistor
R1
R2
C1
0.01 µF
C2
1µF
100 k
 @ 25°C
PIC®
Microcontroller
+12 V
+5 V
+5 V
+5 V
34.8 k
14.7 k
CF
1.0 µF
RSCLK
20 k
RSDA
20 k
715
0.1 µF
RFAULT
20 k
Note: Refer to Table 7-1 for RSENSE value.
VIN
CF
SCLK
SDA
GND
FAULT
NC
SENSE
VOUT
VDD
TC664
TC665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com