Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC665 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC665
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC665 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC665 Datasheet HTML 4Page - Microchip Technology TC665 Datasheet HTML 5Page - Microchip Technology TC665 Datasheet HTML 6Page - Microchip Technology TC665 Datasheet HTML 7Page - Microchip Technology TC665 Datasheet HTML 8Page - Microchip Technology TC665 Datasheet HTML 9Page - Microchip Technology TC665 Datasheet HTML 10Page - Microchip Technology TC665 Datasheet HTML 11Page - Microchip Technology TC665 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TC664/TC665
DS21737B-page 8
 2002-2013 Microchip Technology Inc.
3.0
PIN FUNCTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Input (VIN)
A voltage range of 1.62 V to 2.6 V (typical) on this pin
drives an active duty-cycle of 30% to 100% on the
VOUT pin.
3.2
Analog Output (CF)
Positive terminal for the PWM ramp generator timing
capacitor. The recommended CF is 1 µF for 30 Hz
PWM operation.
3.3
SMBus Serial Clock Input (SCLK)
Clocks data into and out of the TC664/TC665. See
Section 5.0 for more information on the serial interface.
3.4
Serial Data (Bi-directional) (SDA)
Serial data is transferred on the SMBus in both direc-
tions using this pin. See Section 5.0 for more informa-
tion on the serial interface.
3.5
Digital (Open Drain) Output
(FAULT)
When the fan’s RPM falls below the user-set RPM
threshold (or OTF occurs with TC665), a logic low
signal is asserted.
3.6
Analog Input (SENSE)
Fan current pulses are detected at this pin. These
pulses are counted and used in the calculation of the
fan RPM.
3.7
Digital Output (VOUT)
This active high complimentary output drives the base
of an external transistor or the gate of a MOSFET.
3.8
Power Supply Input (VDD)
The VDD pin with respect to GND provides power to the
device. This bias supply voltage may be independent of
the fan power supply.
Name
Function
VIN
Analog Input
CF
Analog Output
SCLK
Serial Clock Input
SDA
Serial Data In/Out (Open Drain)
GND
Ground
FAULT
Digital (Open Drain) Output
NC
No Connection
SENSE
Analog Input
VOUT
Digital Output
VDD
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com