Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC665 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC665
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC665 Datasheet(HTML) 4 Page - Microchip Technology

  TC665 Datasheet HTML 1Page - Microchip Technology TC665 Datasheet HTML 2Page - Microchip Technology TC665 Datasheet HTML 3Page - Microchip Technology TC665 Datasheet HTML 4Page - Microchip Technology TC665 Datasheet HTML 5Page - Microchip Technology TC665 Datasheet HTML 6Page - Microchip Technology TC665 Datasheet HTML 7Page - Microchip Technology TC665 Datasheet HTML 8Page - Microchip Technology TC665 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TC664/TC665
DS21737B-page 4
 2002-2013 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
TIMING SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 3.0V to 5.5V
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges:
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances:
Thermal Resistance, 10 Pin MSOP
JA
—113
—
°C/W
Electrical Characteristics: Unless otherwise noted, all limits are specified for VDD = 3.0 V to 5.5 V,
-40°C <TA < +85°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
SMBus Interface (See Figure 1-1)
Serial Port Frequency
fSC
0
—
100
kHz
Note 1
Low Clock Period
tLOW
4.7
—
—
µsec
Note 1
High Clock Period
tHIGH
4.7
—
—
µsec
Note 1
SCLK and SDA Rise Time
tR
—
—
1000
nsec
Note 1
SCLK and SDA Fall Time
tF
—
—
300
nsec
Note 1
Start Condition Setup Time
tSU(START)
4.7
—
—
µsec
Note 1
SCLK Clock Period Time
tSC
10
—
—
µsec
Note 1
Start Condition Hold Time
tH(START)
4.0
—
—
µsec
Note 1
Data in SetupTime to SCLK
High
tSU-DATA
250
—
—
nsec
Note 1
Data in Hold Time after SCLK
Low
tH-DATA
300
—
—
nsec
Note 1
Stop Condition Setup Time
tSU(STOP)
4.0
—
—
µsec
Note 1
Bus Free Time Prior to New
Transition
tIDLE
4.7
—
µsec
Note 1 and Note 2
Note 1: Not production tested, ensured by design, tested during characterization.
2: Time the bus must be free before a new transmission can start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com