Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD795JR Datasheet(PDF) 4 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 4 Page - Analog Devices

  AD795JR Datasheet HTML 1Page - Analog Devices AD795JR Datasheet HTML 2Page - Analog Devices AD795JR Datasheet HTML 3Page - Analog Devices AD795JR Datasheet HTML 4Page - Analog Devices AD795JR Datasheet HTML 5Page - Analog Devices AD795JR Datasheet HTML 6Page - Analog Devices AD795JR Datasheet HTML 7Page - Analog Devices AD795JR Datasheet HTML 8Page - Analog Devices AD795JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD795
Rev. C | Page 4 of 20
AD795JR
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Rated Performance
±15
V
Operating Range
±4
±18
V
Quiescent Current
1.3
1.5
mA
1 Input offset voltage specifications are guaranteed after 5 minutes of operation at TA = +25°C.
2 Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at TA = +25°C. For higher temperature, the current doubles every 10°C.
3 Gain = −1, R1 = 10 kΩ.
4 Defined as the time required for the amplifier’s output to return to normal operation after removal of a 50% overload from the amplifier input.
5 Defined as the maximum continuous voltage between the inputs such that neither input exceeds ±10 V from ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com