Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD795JR Datasheet(PDF) 6 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD795JR Datasheet HTML 2Page - Analog Devices AD795JR Datasheet HTML 3Page - Analog Devices AD795JR Datasheet HTML 4Page - Analog Devices AD795JR Datasheet HTML 5Page - Analog Devices AD795JR Datasheet HTML 6Page - Analog Devices AD795JR Datasheet HTML 7Page - Analog Devices AD795JR Datasheet HTML 8Page - Analog Devices AD795JR Datasheet HTML 9Page - Analog Devices AD795JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD795
Rev. C | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
RL = 10kΩ
+VIN
–VIN
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 4. Common-Mode Voltage Range vs. Supply Voltage
20
RL = 10kΩ
+VOUT
–VOUT
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 5. Output Voltage Range vs. Supply Voltage
30
25
20
15
10
5
0
10
100
1k
10k
LOAD RESISTANCE (Ω)
VS = ±15V
Figure 6. Output Voltage Swing vs. Load Resistance
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 7. Input Bias Current vs. Supply Voltage
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
INPUT BIAS CURRENT (pA)
SAMPLE SIZE = 1058
Figure 8. Typical Distribution of Input Bias Current
10–9
10–10
10–11
10–12
10–13
10–14
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 9. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com