Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD795JR Datasheet(PDF) 7 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD795JR Datasheet HTML 3Page - Analog Devices AD795JR Datasheet HTML 4Page - Analog Devices AD795JR Datasheet HTML 5Page - Analog Devices AD795JR Datasheet HTML 6Page - Analog Devices AD795JR Datasheet HTML 7Page - Analog Devices AD795JR Datasheet HTML 8Page - Analog Devices AD795JR Datasheet HTML 9Page - Analog Devices AD795JR Datasheet HTML 10Page - Analog Devices AD795JR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD795
Rev. C | Page 7 of 20
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
Figure 10. Input Bias Current vs. Common-Mode Voltage
10–4
10–5
10–6
10–7
10–8
10–9
10–10
10–11
10–12
10–13
10–14
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
DIFFERENTIAL INPUT VOLTAGE (±V)
+IIN
–IIN
Figure 11. Input Bias Current vs. Differential Input Voltage
15.0
100
10
1
0.1
0.01
12.5
10.0
7.5
5.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
f = 1kHz
VOLTAGE NOISE
CURRENT NOISE
Figure 12. Voltage and Current Noise Spectral Density vs. Temperature
1k
100
10
1
1k
10k
100k
1M
10M
100M
1G
SOURCE RESISTANCE (Ω)
NOISE BANDWIDTH: 0.1Hz TO 10Hz
Figure 13. Input Voltage Noise vs. Source Resistance
50
40
30
20
10
0
01
2
3
INPUT VOLTAGE NOISE (µV p-p)
SAMPLE SIZE = 344
f = 0.1Hz TO 10Hz
Figure 14. Typical Distribution of Input Voltage Noise
1k
100
10
1
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 15. Input Voltage Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com