Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD795JR Datasheet(PDF) 13 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD795JR Datasheet HTML 9Page - Analog Devices AD795JR Datasheet HTML 10Page - Analog Devices AD795JR Datasheet HTML 11Page - Analog Devices AD795JR Datasheet HTML 12Page - Analog Devices AD795JR Datasheet HTML 13Page - Analog Devices AD795JR Datasheet HTML 14Page - Analog Devices AD795JR Datasheet HTML 15Page - Analog Devices AD795JR Datasheet HTML 16Page - Analog Devices AD795JR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD795
Rev. C | Page 13 of 20
Leakage through the bulk of the circuit board can still occur
with the guarding schemes shown in Figure 34 and Figure 35.
Standard G10 type PCB material may not have high enough
volume resistivity to hold leakages at the sub-picoampere level
particularly under high humidity conditions. One option that
eliminates all effects of board resistance is shown in Figure 36.
The AD795’s sensitive input pin (either Pin 2 when connected
as an inverter, or Pin 3 when connected as a follower) is bent up
and soldered directly to a Teflon® insulated standoff. Both the
signal input and feedback component leads must also be
insulated from the circuit board by Teflon standoffs or low
leakage shielded cable.
AD795
1
2
3
4
8
7
6
5
AD795
8
7
6
5
INPUT SIGNAL
LED
PC
BOARD
INPUT PIN:
PIN 2 FOR INVERTER
OR PIN 3 FOR FOLLOWER.
TEFLON INSULATED STANDOFF
Figure 36. Input Pin to Insulating Standoff
Contaminants such as solder flux on the board’s surface and on
the amplifier’s package can greatly reduce the insulation resistance
between the input pin and those traces with supply or signal
voltages. Both the package and the board must be kept clean
and dry. An effective cleaning procedure is to first swab the
surface with high grade isopropyl alcohol, then rinse it with
deionized water and, finally, bake it at 100°C for 1 hour. Poly-
propylene and polystyrene capacitors should not be subjected to
the 100°C bake because they can be damaged at temperatures
greater than 80°C.
Other guidelines include making the circuit layout as compact
as possible and reducing the length of input lines. Keeping
circuit board components rigid and minimizing vibration
reduce triboelectric and piezoelectric effects. All precision high
impedance circuitry requires shielding from electrical noise and
interference. For example, a ground plane should be used under
all high value (that is, greater than 1 MΩ) feedback resistors. In
some cases, a shield placed over the resistors, or even the entire
amplifier, may be needed to minimize electrical interference
originating from other circuits. Referring to the equation in
Figure 33, this coupling can take place in either, or both, of two
different forms via time varying fields:
P
C
dT
dV
or by injection of parasitic currents by changes in capacitance
due to mechanical vibration:
V
dT
dCp
Both proper shielding and rigid mechanical mounting of
components help minimize error currents from both of these
sources.
OFFSET NULLING
The circuit in Figure 37 can be used when the amplifier is used
as an inverter. This method introduces a small voltage in series
with the amplifier’s positive input terminal. The amplifier’s input
offset voltage drift with temperature is not affected. However,
variation of the power supply voltages causes offset shifts.
3
6
2
AD795
+
–
VOUT
+VS
–VS
VI
RI
RF
499kΩ
499kΩ
0.1µF
200Ω
100kΩ
Figure 37. Alternate Offset Null Circuit for Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com