Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582ARTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1582ARTZ-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582ARTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1582ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
Data Sheet
Rev. J | Page 10 of 16
THEORY OF OPERATION
The AD1582/AD1583/AD1584/AD1585 use the band gap
concept to produce stable, low temperature coefficient voltage
references suitable for high accuracy data acquisition compo-
nents and systems. These parts of precision references use the
underlying temperature characteristics of a silicon transistor’s
base emitter voltage in the forward-biased operating region.
Under this condition, all such transistors have a −2 mV/°C
temperature coefficient (TC) and a VBE that, when extrapolated
to absolute zero, 0 K (with collector current proportional to
absolute temperature), approximates the silicon band gap voltage.
By summing a voltage that has an equal and opposite tempera-
ture coefficient of 2 mV/°C with the VBE of a forward-biased
transistor, an almost 0 TC reference can be developed. In the
AD1582/AD1583/AD1584/AD1585 simplified circuit diagram
shown in Figure 9, such a compensating voltage, V1, is derived
by driving two transistors at different current densities and
amplifying the resultant VBE difference (∆VBE, which has a positive
TC). The sum of VBE and V1 (VBG) is then buffered and amplified
to produce stable reference voltage outputs of 2.5 V, 3 V, 4.096 V,
and 5 V.
R4
R6
R5
GND
V1
+
–
R3
+
R2
–
R1
VIN
VOUT
VBG
VBE
Figure 9. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com