Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582ARTZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1582ARTZ-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582ARTZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1582ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD1582/AD1583/AD1584/AD1585
Rev. J | Page 13 of 16
100
90
0
1
1M
10
100
1k
10k
100k
50
20
80
70
60
40
30
10
AD1582
AD1585
FREQUENCY (Hz)
Figure 18. Ripple Rejection vs. Frequency
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD1582/AD1583/AD1584/AD1585 is
typically less than 70 µV p-p over the 0.1 Hz to 10 Hz frequency
band. Figure 19 shows the 0.1 Hz to 10 Hz noise of a typical
AD1582/AD1583/AD1584/AD1585. The noise measurement
is made with a high gain band-pass filter. Noise in a 10 Hz to
10 kHz region is approximately 50 µV rms. Figure 20 shows the
broadband noise of a typical AD1582/AD1583/AD1584/AD1585.
If further noise reduction is desired, add a 1-pole, low-pass
filter between the output pin and ground. A time constant of
0.2 ms has a −3 dB point at roughly 800 Hz and reduces the
high frequency noise to about 16 V rms. It should be noted,
however, that while additional filtering on the output can
improve the noise performance of the AD1582/AD1583/
AD1584/AD1585, the added output impedance can degrade
the ac performance of the references.
100
90
10
0%
10µV
1s
Figure 19. 10 Hz to 10 kHz Wideband Noise
10
0%
100
90
10ms
100µV
Figure 20. 1 Hz to 10 Hz Voltage Noise
TURN-ON TIME
Many low power instrument manufacturers are concerned
with the turn-on characteristics of the components used in their
systems. Fast turn-on components often enable the end user to
save power by keeping power off when not needed. Turn-on
settling time is defined as the time required, after the application of
power (cold start), for the output voltage to reach its final value
within a specified error. The two major factors affecting this are
the active circuit settling time and the time required for the
thermal gradients on the chip to stabilize. Figure 21 shows the
turn-on settling and transient response test circuit. Figure 22
shows the turn-on characteristics of the AD1582/AD1583/
AD1584/AD1585. These characteristics are generated from cold-
start operation and represent the true turn-on waveform after
power-up. Figure 23 shows the fine settling characteristics of
the AD1582/AD1583/AD1584/AD1585. Typically, the reference
settles to within 0.1% of its final value in about 100 µs.
The device can momentarily draw excessive supply current
when VSUPPLY is slightly below the minimum specified level.
Power supply resistance must be low enough to ensure reliable
turn-on. Fast power supply edges minimize this effect.
0.22µF
0.22µF
0V OR 10V
0V TO 10V
10k
Ω
10k
Ω
DUT
VOUT
5V OR 10V
0V OR 5V
Figure 21. Turn-On/Transient Response Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com