Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582ARTZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1582ARTZ-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582ARTZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1582ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
Data Sheet
Rev. J | Page 14 of 16
10
0%
100
5V
1V
20µs
20µs
90
Figure 22. Turn-On Characteristics
10
0%
100
5V
1mV
20µs
20µs
90
Figure 23. Turn-On Settling
DYNAMIC PERFORMANCE
Many ADCs and DACs present transient current loads to the
reference and poor reference response can degrade converter
performance. The AD1582/AD1583/AD1584/AD1585 provide
superior static and dynamic line and load regulation. Because
these series references are capable of both sourcing and sinking
large current loads, they exhibit excellent settling charac-
teristics.
Figure 24 displays the line transient response for the AD1582/
AD1583/AD1584/AD1585. The circuit used to perform such
a measurement is shown in Figure 21, where the input supply
voltage is toggled from 5 V to 10 V, and the input and output
capacitors are each 0.22 μF.
Figure 25 and Figure 26 show the load transient settling cha-
racteristics for the AD1582/AD1583/AD1584/AD1585 when
load current steps of 0 mA to +5 mA and 0 mA to −1 mA are
applied. The input supply voltage remains constant at 5 V; the
input decoupling and output load capacitors are 4.7 μF and 1 μF,
respectively; and the output current is toggled. For both positive
and negative current loads, the reference responses settle very
quickly and exhibit initial voltage spikes of less than 10 mV.
10
0%
100
90
5V
200mV
50µs
50µs
Figure 24. Line Transient Response
10
0%
100
5V
5mV
90
20µs
20µs
Figure 25. Load Transient Response (0 mA to 5 mA Load)
0%
100
90
5V
20µs
20µs
5mV
10
Figure 26. Load Transient Response (0 mA to −1 mA Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com