Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582ARTZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1582ARTZ-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582ARTZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1582ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD1582ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
Data Sheet
Rev. J | Page 16 of 16
ORDERING GUIDE
Model1
Output
Voltage
(V)
Accuracy
(mV)
Initial
Accuracy
(%)
Initial Temp.
Coefficient
(ppm/°C)
Package
Description
Package
Option
Branding2
No. of Parts
Banding
per Reel
AD1582ART-REEL7
2.50
20
0.80
100
SOT-23-3
RT-3
2A
3,000
AD1582ARTZ-R2
2.50
20
0.80
100
SOT-23-3
RT-3
R1Z
250
AD1582ARTZ-REEL7
2.50
20
0.80
100
SOT-23-3
RT-3
R1Z
3,000
AD1582BRTZ-REEL7
2.50
2
0.08
50
SOT-23-3
RT-3
R20
3,000
AD1583ARTZ-R2
3.00
30
1.00
100
SOT-23-3
RT-3
R22
250
AD1583ARTZ-REEL7
3.00
30
1.00
100
SOT-23-3
RT-3
R22
3,000
AD1583BRTZ-REEL7
3.00
3
0.10
50
SOT-23-3
RT-3
R23
3,000
AD1584ARTZ-R2
4.096
40
0.98
100
SOT-23-3
RT-3
R25
250
AD1584ARTZ-REEL7
4.096
40
0.98
100
SOT-23-3
RT-3
R25
3,000
AD1584BRTZ-REEL7
4.096
4
0.10
50
SOT-23-3
RT-3
R26
3,000
AD1585ARTZ-R2
5.00
50
1.00
100
SOT-23-3
RT-3
R28
250
AD1585ARTZ-REEL7
5.00
50
1.00
100
SOT-23-3
RT-3
R28
3,000
AD1585BRTZ-REEL7
5.00
5
0.10
50
SOT-23-3
RT-3
R29
3,000
1 Z = RoHS Compliant Part.
2 See Package Branding Information section.
PACKAGE BRANDING INFORMATION
This branding information is only for nonPb-free versions. Four fields identify the device:
First field, product identifier; for example, a 2/3/4/5 identifies the generic as AD1582/AD1583/AD1584/AD1585
Second field, device grade, which can be A, B, or C
Third field, calendar year of processing: 7 for 1997..., A for 2001...
Fourth field, two-week window within the calendar year; for example, letters A to Z to represent a two-week window starting with “A” for
the first two weeks of January.
©1997–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00701-0-2/13(J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com