Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 6 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TCN75_13 Datasheet HTML 2Page - Microchip Technology TCN75_13 Datasheet HTML 3Page - Microchip Technology TCN75_13 Datasheet HTML 4Page - Microchip Technology TCN75_13 Datasheet HTML 5Page - Microchip Technology TCN75_13 Datasheet HTML 6Page - Microchip Technology TCN75_13 Datasheet HTML 7Page - Microchip Technology TCN75_13 Datasheet HTML 8Page - Microchip Technology TCN75_13 Datasheet HTML 9Page - Microchip Technology TCN75_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TCN75
DS21490D-page 6
 2001-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
A typical TCN75 hardware connection is shown in
Figure 3-1.
FIGURE 3-1:
Typical Application
3.1
Serial Data (SDA)
Bidirectional. Serial data is transferred in both
directions using this pin.
3.2
Serial Clock (SCL)
Input. Clocks data into and out of the TCN75.
3.3
INT/CMPTR
Open Collector, Programmable Polarity. In Comparator
mode,
unconditionally
driven
active
any
time
temperature exceeds the value programmed into the
TSET register. INT/CMPTR will become inactive when
temperature subsequently falls below the THYST set-
ting. (See Section 5.0 “Register Set and Program-
mer’s ModeL”, Register Set and Programmer’s
Model). In Interrupt mode, INT/CMPTR is also made
active by TEMP exceeding TSET; it is unconditionally
reset to its inactive state by reading any register via the
2-wire bus. If and when temperature falls below THYST,
INT/CMPTR is again driven active. Reading any regis-
ter will clear the THYST interrupt. In Interrupt mode, the
INT/CMPTR output is unconditionally reset upon enter-
ing Shutdown mode. If programmed as an active-low
output, it can be wire-ORed with any number of other
open collector devices. Most systems will require a
pull-up resistor for this configuration.
Note that current sourced from the pull-up resistor
causes power dissipation and may cause internal heat-
ing of the TCN75. To avoid affecting the accuracy of
ambient temperature readings, the pull-up resistor
should be made as large as possible. INT/CMPTR’s
output polarity may be programmed by writing to the
INT/CMPTR POLARITY bit in the CONFIG register.
The default is active low.
3.4
Address (A2, A1, A0)
Inputs. Sets the three Least Significant bits of the
TCN75 8-bit address. A match between the TCN75’s
address and the address specified in the serial bit
stream must be made to initiate communication with
the TCN75. Many protocol-compatible devices with
other addresses may share the same 2-wire bus.
3.5
Slave Address
The four Most Significant bits of the Address Byte (A6,
A5, A4, A3) are fixed to 1001[B]. The states of A2, A1
and A0 in the serial bit stream must match the states of
the A2, A1 and A0 address inputs for the TCN75 to
respond with an Acknowledge (indicating the TCN75 is
on the bus and ready to accept data). The Slave
Address is represented in Table 3-1.
A0
A1
A2
SDA
SCL
+VDD (3V to 5.5V)
Address
(Set as Desired)
I2C™ Interface
CBypass
To Controller
0.1 µF Recommended
Unless Device is Mounted
Close to CPU
INT/CMPTR
7
6
5
1
2
3
8
4
TCN75
TABLE 3-1:
TCN75 SLAVE ADDRESS
1
0
0
1
A2
A1
A0
MSB
LSBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com