Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 1 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 1 Page - Microchip Technology

  TCN75_13 Datasheet HTML 1Page - Microchip Technology TCN75_13 Datasheet HTML 2Page - Microchip Technology TCN75_13 Datasheet HTML 3Page - Microchip Technology TCN75_13 Datasheet HTML 4Page - Microchip Technology TCN75_13 Datasheet HTML 5Page - Microchip Technology TCN75_13 Datasheet HTML 6Page - Microchip Technology TCN75_13 Datasheet HTML 7Page - Microchip Technology TCN75_13 Datasheet HTML 8Page - Microchip Technology TCN75_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21490D-page 1
TCN75
Features:
• Solid-State Temperature Sensing:
0.5°C Accuracy (Typ.)
• Operates from -55°C to +125°C
• Operating Supply Range: 2.7V to 5.5V
• Programmable Trip Point and Hysteresis with
Power-up Defaults
• Standard 2-Wire Serial Interface
• Thermal Event Alarm Output Functions as
Interrupt or Comparator/Thermostat Output
• Up to 8 TCN75s may Share the Same Bus
• Shutdown Mode for Low Standby Power
Consumption
• 5V Tolerant I/O at VDD = 3V
•Low Power:
- 250
A (Typ.) Operating
-1
A (Typ.) Shutdown Mode
• 8-Pin SOIC and MSOP Packaging
Applications:
• Thermal Protection for High-Performance CPUs
• Solid-State Thermometer
• Fire/Heat Alarms
• Thermal Management in Electronic Systems:
- Computers
- Telecom Racks
- Power Supplies/UPS/Amplifiers
• Copiers/Office Electronics
• Consumer Electronics
• Process Control
Package Type
General Description:
The TCN75 is a serially programmable temperature
sensor that notifies the host controller when ambient
temperature exceeds a user programmed set point.
Hysteresis is also programmable. The INT/CMPTR
output is programmable as either a simple comparator
for thermostat operation or as a temperature event
interrupt.
Communication
with
the
TCN75
is
accomplished via a two-wire bus that is compatible with
industry standard protocols. This permits reading the
current temperature, programming the set point and
hysteresis, and configuring the device.
The TCN75 powers up in Comparator mode with a
default set point of 80°C with 5°C hysteresis. Defaults
allow
independent
operation
as
a
stand-alone
thermostat. A shutdown command may be sent via the
2-wire bus to activate the low-power Standby mode.
Address selection inputs allow up to eight TCN75s to
share the same 2-wire bus for multizone monitoring.
All registers can be read by the host and the INT/
CMPTR output’s polarity is user programmable. Both
polled
and
interrupt
driven
systems
are
easily
accommodated. Small physical size, low installed cost,
and ease-of-use make the TCN75 an ideal choice for
implementing
sophisticated
system
management
schemes.
1
2
3
4
8
7
6
5
TCN75MOA
1
2
3
4
8
7
6
5
TCN75MUA
A1
A0
A2
SOIC
MSOP
SCL
INT/CMPTR
GND
SDA
SCL
INT/CMPTR
GND
SDA
VDD
A1
A0
A2
VDD
2-Wire Serial Temperature Sensor and Thermal Monitor


Similar Part No. - TCN75_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCN75-3.3MOA TELCOM-TCN75-3.3MOA Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75-3.3MOA MICROCHIP-TCN75-3.3MOA Datasheet
583Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75-3.3MOA713 MICROCHIP-TCN75-3.3MOA713 Datasheet
2Mb / 44P
Thermal Management ??Motor Driver ??Interface Peripherals Power Management ??Linear & Mixed Signal ??Safety & Security
11/29/11
logo
TelCom Semiconductor, I...
TCN75-3.3MPA TELCOM-TCN75-3.3MPA Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
TCN75-3.3MUA TELCOM-TCN75-3.3MUA Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
More results

Similar Description - TCN75_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75A MICROCHIP-TCN75A Datasheet
1Mb / 32P
2-Wire Serial Temperature Sensor
2006
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
ON Semiconductor
ADT7485A ONSEMI-ADT7485A Datasheet
341Kb / 12P
Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com