Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 8 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TCN75_13 Datasheet HTML 4Page - Microchip Technology TCN75_13 Datasheet HTML 5Page - Microchip Technology TCN75_13 Datasheet HTML 6Page - Microchip Technology TCN75_13 Datasheet HTML 7Page - Microchip Technology TCN75_13 Datasheet HTML 8Page - Microchip Technology TCN75_13 Datasheet HTML 9Page - Microchip Technology TCN75_13 Datasheet HTML 10Page - Microchip Technology TCN75_13 Datasheet HTML 11Page - Microchip Technology TCN75_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TCN75
DS21490D-page 8
 2001-2012 Microchip Technology Inc.
4.0
SHUTDOWN MODE
When the appropriate bit is set in the configuration reg-
ister (CONFIG) the TCN75 enters its low-power Shut-
down mode (IDD = 1 A, typical) and the temperature-
to-digital conversion process is halted. The TCN75’s
bus interface remains active and TEMP, TSET, and
THYST may be read from and written to. Transitions on
SDA or SCL due to external bus activity may increase
the standby power consumption. If the TCN75 is in
Interrupt mode, the state of INT/CMPTR will be reset
upon entering Shutdown mode.
4.1
Fault Queue
To lessen the probability of spurious activation of INT/
CMPTR the TCN75 may be programmed to filter out
transient events. This is done by programming the
desired value into the Fault Queue. Logic inside the
TCN75 will prevent the device from triggering INT/
CMPTR unless the programmed number of sequential
temperature-to-digital conversions yield the same
qualitative result. In other words, the value reported in
TEMP must remain above TSET or below THYST for the
consecutive number of cycles programmed in the Fault
Queue. Up to a six-cycle “filter” may be selected. See
Section 5.0
“Register
Set
and
Programmer’s
ModeL”, Register Set and Programmer’s Model.
4.2
Serial Port Operation
The Serial Clock input (SCL) and bidirectional data port
(SDA) form a 2-wire bidirectional serial port for pro-
gramming and interrogating the TCN75. The following
table indicates TCN75 conventions that are used in this
bus scheme.
TABLE 4-1:
SERIAL BUS CONVENTIONS
All transfers take place under control of a host, usually
a CPU or microcontroller, acting as the Master, which
provides the clock signal for all transfers. The TCN75
always operates as a Slave. This serial protocol is
illustrated in Figure 5-1. All data transfers have two
phases; and all bytes are transferred MSB first.
Accesses are initiated by a Start condition, followed by
a device address byte and one or more data bytes. The
device address byte includes a Read/Write selection
bit. Each access must be terminated by a Stop condi-
tion. A convention called Acknowledge (ACK) confirms
receipt of each byte. Note that SDA can change only
during periods when SCL is LOW (SDA changes while
SCL is HIGH are reserved for Start and Stop condi-
tions).
4.3
Start Condition (Start)
The TCN75 continuously monitors the SDA and SCL
lines for a Start condition (a HIGH-to-LOW transition of
SDA while SCL is HIGH), and will not respond until this
condition is met.
Term
Explanation
Transmitter
The device sending data to the bus.
Receiver
The device receiving data from the bus.
Master
The device which controls the bus: initiating
transfers (Start), generating the clock, and
terminating transfers (Stop).
Slave
The device addressed by the master.
Start
A unique condition signaling the beginning of
a transfer indicated by SDA falling (High –
Low) while SCL is high.
Stop
A unique condition signaling the end of a
transfer indicated by SDA rising (Low – High)
while SCL is high.
ACK
A Receiver acknowledges the receipt of each
byte with this unique condition. The Receiver
drives SDA low during SCL high of the ACK
clock-pulse. The Master provides the clock
pulse for the ACK cycle.
NOT Busy
When the bus is idle, both SDA & SCL will
remain high.
Data Valid
The state of SDA must remain stable during
the High period of SCL in order for a data bit
to be considered valid. SDA only changes
state while SCL is low during normal data
transfers. (See Start and Stop conditions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com