Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCN75 Datasheet(PDF) 9 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TCN75_13 Datasheet HTML 5Page - Microchip Technology TCN75_13 Datasheet HTML 6Page - Microchip Technology TCN75_13 Datasheet HTML 7Page - Microchip Technology TCN75_13 Datasheet HTML 8Page - Microchip Technology TCN75_13 Datasheet HTML 9Page - Microchip Technology TCN75_13 Datasheet HTML 10Page - Microchip Technology TCN75_13 Datasheet HTML 11Page - Microchip Technology TCN75_13 Datasheet HTML 12Page - Microchip Technology TCN75_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21490D-page 9
TCN75
4.3.1
ADDRESS BYTE
Immediately following the Start condition, the host must
next transmit the address byte to the TCN75. The four
Most Significant bits of the Address Byte (A6, A5, A4,
A3) are fixed to 1001(B). The states of A2, A1 and A0
in the serial bit stream must match the states of the A2,
A1 and A0 address inputs for the TCN75 to respond
with an Acknowledge (indicating the TCN75 is on the
bus and ready to accept data). The eighth bit in the
Address Byte is a Read/Write Bit. This bit is a ‘1’ for a
read operation or ‘0’ for a write operation.
4.3.2
ACKNOWLEDGE (ACK)
Acknowledge (ACK) provides a positive handshake
between the host and the TCN75. The host releases
SDA after transmitting eight bits then generates a ninth
clock cycle to allow the TCN75 to pull the SDA line
LOW to acknowledge that it successfully received the
previous eight bits of data or address.
4.3.3
DATA BYTE
After a successful ACK of the address byte, the host
must next transmit the data byte to be written or clock
out the data to be read. (See the appropriate timing
diagrams.) ACK will be generated after a successful
write of a data byte into the TCN75.
4.3.4
STOP CONDITION (STOP)
Communications must be terminated by a Stop
condition (a LOW-to-HIGH transition of SDA while SCL
is HIGH). The Stop condition must be communicated
by the transmitter to the TCN75.
4.3.5
POWER SUPPLY
To minimize temperature measurement error, the
TCN75-3.3 MOA and TCN75-3.3 MUA are factory cal-
ibrated at a supply voltage of 3.3V ±5% and the
TCN75-5.0 MOA and TCN75-5.0 MUA are factory cal-
ibrated at a supply voltage of 5V ±5%. Either device is
fully operational over the power supply voltage range of
2.7V to 5.5V, but with a lower measurement accuracy.
The typical value of this power supply-related error is
±2°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com