Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7416/7/8EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # EVAL-AD7416/7/8EBZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7416/7/8EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button EVAL-AD7416/7/8EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 23 of 24
ORDERING GUIDE
Model1
Temperature
Range
Temperature
Error
Package Description
Branding
Package
Option
AD7416AR
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7416AR-REEL
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7416AR-REEL7
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7416ARZ
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7416ARZ-REEL
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7416ARZ-REEL7
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7416ARM
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C6A
RM-8
AD7416ARM-REEL
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C6A
RM-8
AD7416ARM-REEL7
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C6A
RM-8
AD7416ARMZ
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C6A#
RM-8
AD7416ARMZ-REEL
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C6A#
RM-8
AD7416ARMZ-REEL7
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C6A#
RM-8
AD7417-WAFER
Bare Die Wafer
AD7417AR
−40°C to +125°C
±2°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417AR-REEL
−40°C to +125°C
±2°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417AR-REEL7
−40°C to +125°C
±2°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417ARZ
−40°C to +125°C
±2°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417ARZ-REEL
−40°C to +125°C
±2°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417ARZ-REEL7
−40°C to +125°C
±2°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417ARU
−40°C to +125°C
±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARU-REEL
−40°C to +125°C
±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARU-REEL7
−40°C to +125°C
±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARUZ
−40°C to +125°C
±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARUZ-REEL
−40°C to +125°C
±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARUZ-REEL7
−40°C to +125°C
±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417BR
−40°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417BR-REEL
−40°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417BR-REEL7
−40°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417BRZ
−40°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417BRZ-REEL
−40°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7417BRZ-REEL7
−40°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC_N)
R-16
AD7418ACHIPS
Die
AD7418ARZ
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7418ARZ-REEL
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7418ARZ-REEL7
−40°C to +125°C
±2°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD7418ARM
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C7A
RM-8
AD7418ARM-REEL
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C7A
RM-8
AD7418ARM-REEL7
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
C7A
RM-8
AD7418ARMZ
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
T0G
RM-8
AD7418ARMZ-REEL
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
T0G
RM-8
AD7418ARMZ-REEL7
−40°C to +125°C
±2°C
8-Lead Mini Small Outline Package (MSOP)
T0G
RM-8
EVAL-AD7416/7/8EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com