Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7416/7/8EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-AD7416/7/8EBZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7416/7/8EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-AD7416/7/8EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 14 of 24
ANALOG INPUT
0V 1/2LSB
111...111
111...110
111...000
011...111
000...010
000...001
000...000
+VREF – 1LSB
1LSB – VREF/1024
Figure 14. Ideal Transfer Function Characteristic for the AD7417/AD7418
Config2 Register (Address 0x05)
A second configuration register is included in the AD7417/
AD7418 for the functionality of the CONVST pin. It is an 8-bit
register with Bit D5 to Bit D0 being left at 0. Bit D7 determines
whether the AD7417/AD7418 should be operated in its default
mode (D7 = 0), performing conversions every 355 μs or in its
CONVST pin mode (D7 = 1), where conversions start only
when the CONVST pin is used. Bit 6 contains the Test 1 bit.
When this bit is 0, the I2C filters are enabled (default). Setting
this bit to 1 disables the filters.
Table 16. Config2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Conversion mode
Test 1
0
0
0
0
0
0
SERIAL BUS INTERFACE
Control of the AD7416/AD7417/AD7418 is carried out via the
I2C compatible serial bus. The AD7416/AD7417/AD7418 are
connected to this bus as a slave device, under the control of a
master device, for example, the processor.
Serial Bus Address
As with all I2C compatible devices, the AD7416/AD7417/AD7418
have a 7-bit serial address. The four MSBs of this address for the
AD7416 are set to 1001; the AD7417 are set to 0101, and the
three LSBs can be set by the user by connecting the A2 to A0
pins to either VDD or GND. By giving them different addresses,
up to eight AD7416/AD7417 devices can be connected to a
single serial bus, or the addresses can be set to avoid conflicts
with other devices on the bus. The four MSBs of this address for
the AD7418 are set to 0101, and the three LSBs are all set to 0.
If a serial communication occurs during a conversion operation,
the conversion stops and restarts after the communication.
The serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a start condi-
tion, defined as a high-to-low transition on the serial data
line, SDA, while the serial clock line, SCL, remains high.
This indicates that an address/data stream follows. All slave
peripherals connected to the serial bus respond to the 7-bit
address (MSB first) plus an R/W bit, which determines the
direction of the data transfer, that is, whether data is written
to or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the acknowl-
edge bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
to it. If the R/W bit is a 0, then the master writes to the
slave device. If the R/W bit is a 1, then the master reads
from the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the receiver of data. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period, because a low-to-high transi-
tion when the clock is high may be interpreted as a stop signal.
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master device pulls the
data line high during the low period before the ninth clock
pulse. This is known as no acknowledge. The master then
takes the data line low during the low period before the
10th clock pulse, then high during the 10th clock pulse to
assert a stop condition.
Any number of bytes of data can be transferred over the serial
bus in one operation, but it is not possible to mix read and write
in one operation because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation.
Writing to the AD7416/AD7417/AD7418
Depending on the register being written to, there are three
different writes for the AD7416/AD7417/AD7418.
•
Writing to the address pointer register for a subsequent read.
To read data from a particular register, the address pointer
register must contain the address of that register. If it does
not, the correct address must be written to the address pointer
register by performing a single-byte write operation, as shown
in Figure 15. The write operation consists of the serial bus
address followed by the address pointer byte. No data is
written to any of the data registers.
•
Writing a single byte of data to the configuration register, the
Config2 register, or to the TOTI setpoint or THYST setpoint
registers.
The configuration register is an 8-bit register, so only one
byte of data can be written to it. If only 8-bit temperature
comparisons are required, the temperature LSB can be
ignored in TOTI and THYST, and only eight bits need to be
written to the TOTI setpoint and THYST setpoint registers.
Writing a single byte of data to one of these registers consists
of the serial bus address, the data register address written
to the address pointer register, followed by the data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com