Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7416/7/8EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-AD7416/7/8EBZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7416/7/8EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-AD7416/7/8EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC 1
SDA 2
SCL 3
OTI 4
NC
16
CONVST
15
VDD
14
A0
13
REFIN 5
A1
12
GND 6
A2
11
AIN1 7
AIN4
10
AIN2 8
AIN3
9
NC = NO CONNECT
AD7417
TOP VIEW
(Not to Scale)
Figure 6. AD7417 Pin Configuration (SOIC/TSSOP)
Table 4. AD7417 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 16
NC
No Connection. Do not connect anything to this pin.
2
SDA
Digital I/O. Serial bus bidirectional data. Push-pull output.
3
SCL
Digital Input. Serial bus clock.
4
OTI
This pin is a logic output. The overtemperature indicator (OTI) is set if the result of a conversion on Channel 0
(temperature sensor) is greater than an 8-bit word in the TOTI setpoint register. The signal is reset at the end of a
serial read operation. Open-drain output.
5
REFIN
Reference Input. An external 2.5 V reference can be connected to the AD7417 at this pin. To enable the on-chip
reference, the REFIN pin should be tied to GND. If an external reference is connected to the AD7417, the internal
reference shuts down.
6
GND
Ground reference for track-and-hold, comparator and capacitor DAC, and digital circuitry.
7 to 10
AIN1 to AIN4
Analog Input Channels. The AD7417 has four analog input channels. The input channels are single-ended with
respect to GND. The input channels can convert voltage signals in the range of 0 V to VREF. A channel is selected by
writing to the configuration register of the AD7417.
11
A2
Digital Input. This is the highest programmable bit of the serial bus address.
12
A1
Digital Input. This is the middle programmable bit of the serial bus address.
13
A0
Digital Input. This is the lowest programmable bit of the serial bus address.
14
VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
15
CONVST
Logic Input Signal. Convert start signal. The rising edge of this signal fully powers up the part. The power-up time
for the part is 4 μs. If the CONVST pulse is greater than 4 μs, the falling edge of CONVST places the track-and-hold
mode into hold mode and initiates a conversion. If the pulse is less than 4 μs, an internal timer ensures that the
track-and-hold does not go into hold, and conversion is not initiated until the power-up time has elapsed. The
track-and-hold goes into track mode again at the end of conversion (see the
section).
Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com