Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7416/7/8EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD7416/7/8EBZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7416/7/8EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD7416/7/8EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD7416/7/8EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 18 of 24
CONVST Pin Mode
Mode 2
Conversions are initiated only by using the CONVST pin. In
this method of operation, CONVST is normally low.
For applications where temperature measurements are required
at a slower rate, for example, every second, power consumption
of the part can be reduced by writing to the part to go to a full
power-down between reads. The current consumption in full
power-down is typically 0.2 μA and full power-down is initiated
when D0 = 1 in the configuration register. When a measurement is
required, a write operation can be performed to power up the
part. The part then performs a conversion and is returned to
power-down. The temperature value can be read in full power-
down because the I2C bus is continuously active.
The rising edge of CONVST starts the power-up time. This
power-up time is 4 μs. If the CONVST high time is longer than
4 μs, a conversion is initiated on the falling edge of CONVST
and the track-and-hold also enters its hold mode at this time.
If the CONVST high time is less than 4 μs, an internal timer,
initiated by the rising edge of CONVST, holds off the track-
and-hold and the initiation of conversion until the timer times
out (4 μs after the rising edge of CONVST, which corresponds
with the power-up time). The CONVST input remains low at
the end of conversion, thus causing the part to enter its power-
down mode. In this method of operation, CONVST is normally
low with a high going pulse controlling the power-up, and the
conversion starts.
The power dissipation in this mode depends on the rate at which
reads take place. Taking the requirements for a temperature
measurement every 100 ms as an example, the optimum power
dissipation is achieved by placing the part in full power-down,
waking it up every 100 ms, letting it operate for 400 μs and
putting it into full power-down again. In this case, the average
power consumption is calculated as follows. The part spends
40 μs (or 0.04% of time) converting with 3 mW dissipation
and a 99.96 ms (99.96% of time) in full shutdown with 60 nW
dissipation.
The CONVST pin should not be pulsed when reading from or
writing to the port.
Figure 21 shows the recommended minimum times for the
CONVST pulse when the temperature channel is selected.
shows the minimum times an analog input channel is
selected.
Figure 22
Thus, the average power dissipation is
3 mW × 0.004 + 60 nW × 0.9996 = 1.2 μW
CONVST
100ns
40µs
The fastest throughput rate at which the AD7416/AD7417/
AD7418 can be operated is 2.5 kHz (that is, a read every 400 μs
conversion period). Because TOTI and THYST are 2-byte reads, the
read time with the I2C operating at 100 kbps would be 270 μs. If
temperature reads are called too often, reads will overlap with
conversions, aborting them continuously, which results in
invalid readings.
Figure 21. CONVST When Temperature Channel Selected
CONVST START MODE
CONVST
100ns
15µs
The AD7417/AD7418 have an extra mode, set by writing to the
MSB of the Config2 register.
Figure 22. CONVST When VIN Channel Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com