Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO4-168P Datasheet(PDF) 39 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 39 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 35Page - Amphenol Corporation IO4-168P Datasheet HTML 36Page - Amphenol Corporation IO4-168P Datasheet HTML 37Page - Amphenol Corporation IO4-168P Datasheet HTML 38Page - Amphenol Corporation IO4-168P Datasheet HTML 39Page - Amphenol Corporation IO4-168P Datasheet HTML 40Page - Amphenol Corporation IO4-168P Datasheet HTML 41Page - Amphenol Corporation IO4-168P Datasheet HTML 42Page - Amphenol Corporation IO4-168P Datasheet HTML 43Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
35
Other Brush Contact Rectangular Connectors
HDB3 High Density Brush Series -
tighter (.070 in. X .060 in.) staggered grid spacing
HDB3 CONNECTORS
The new connector series of brush connectors incor-
porates an even higher density contact pattern and
lower mated height than Amphenol’s standard low mat-
ing force rectangular connectors. These HDB3 con-
nectors utilize the same durable and reliable B3 brush
contact, but in a tighter .070 inch X .060 inch staggered
grid spacing. They offer the advantage of a higher
density pattern in a compact-height connector that will
take up less board space; thus saving cost over adding
additional connectors to meet power requirements.
HDB3 connector styles include mother board, daughter
board, input/output and a stacker style.
For how to order information of the HDB3 see Amphe-
nol brochure SL-402* online at www.amphenol-aero-
space.com.
Mother Board/Daughter Board HDB3 Connector
Number
of
Contacts
Contact
Pattern
A
Max.
C
Max.
40
4 Row X 10
1.375
1.075
60
4 Row X 15
1.725
1.425
80
4 Row X 20
2.075
1.775
120
4 Row X 30
2.775
2.475
160
4 Row X40
3.475
3.175
Mother Board HDB3 Connector
Daughter Board HDB3 Connector
When more contact density is required, the HDB3 High Density Series
with .070 inch X .060 inch staggered grid spacing is the solution.
* Also in SL-402 brochure are other HDB3 style connectors: input/output style, stacker and high speed configurations.
Please note, the new Amphenol Combined Rectangular Products catalog, 12-R1, will combined 12-035 (this catalog)
and HDB3 product covered in SL-402, along with other Amphenol rectangular interconnect products. Ask for the new
combined Amphenol Rectangular Interconnect Products catalog; available Jan. 2011
C
A
.325
.540
.350
.350
.410
.470
.530
C
E
±.020
CONNECTOR
MOUNTING
SURFACE
E ±.020
TYP
PIN 1
.035
TYP.
.070
TYP.
.086 MIN. DIA.
THRU HOLE
(USE NO. 2 SCREW)
.350
.086 MIN. DIA.
THRU HOLE
(USE NO. 2 SCREW)
PIN 1
C
A
.335 MAX.
.150 ±.005
.150 ±.020
TYP.
.016 ±.001
TYP.
.195 MIN. HEX
.070 MIN DEEP
(USE 3/16 HEX HEAD)
.090 TYP.
.030 TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com