Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO4-168P Datasheet(PDF) 5 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 5 Page - Amphenol Corporation

  IO4-168P Datasheet HTML 1Page - Amphenol Corporation IO4-168P Datasheet HTML 2Page - Amphenol Corporation IO4-168P Datasheet HTML 3Page - Amphenol Corporation IO4-168P Datasheet HTML 4Page - Amphenol Corporation IO4-168P Datasheet HTML 5Page - Amphenol Corporation IO4-168P Datasheet HTML 6Page - Amphenol Corporation IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
1
Amphenol Low Mating Force
Rectangular Connectors
MIL-DTL-55302
(M55302/166 thru /172)
Amphenol’s Low Mating Force Connectors are well known in the connector arena – with proven performance on the
ground, in the air, and at sea. – In service for over 25 years, with over 50 million brush contacts fielded; and qualified for
use on M1A2 Abrams, F-16 Falcon, F/A-22 Raptor, F-35 Lightning II, AIM-132 ASRAAM and many more applications.
Four Standard Body Styles
Key Connector Features
0.100 inch center to center, square grid contact spacing
•
Application flexibility (parallel boards, perpendicular boards, wire to
•
board, end to end boards, card extenders
2, 3 and 4 row contact arrangements with 10 to 100 contacts per row
•
in one contact per row increments
Military versions meet MIL-DTL-55302/166 through /172
•
Termination versatility; straight & 90° PCB stud, wire wrap & crimp
•
Options on termination lengths and plating
•
Front release/front removable contacts in Mother Board, Daughter
•
Board and PC version; rear release/rear removable crimp contacts
(size 22D) or printed circuit board pins provided with Input/Output
connectors
Accessories available for latching and polarization
•
Up to 256 keyed, mating polarizations available
•
Hybrids available – mix signal with power, RF or fiber optics
•
Smaller sized connector designs with as few as 5 contacts per row
•
RoHS compliant versions are available, consult
•
Amphenol Aerospace for more information
Performance
voltage rating:
•
SL
70,000 ft.
1300
325
one and one-half ounce max. average contact engaging/
•
separating forces
7 million average contact resistance for row A contacts
•
(Resistance will vary depending on the point of measurement and the
•
length of the contact.)
3 ampere – PCB contacts; 5 ampere – wire wrap / crimp contacts
•
–65°C to +125°C temperature rating
•
5 gigaohms minimum insulation resistance
•
Materials
Connector Body – Glass-filled thermoplastic molding material in
•
accordance with MIL-M-24519 type GPT-15F and/or Grade B,
Class 15 of MIL-P-46161 (UL94V-O)
•
Polarization Keys – Glass-filled acetal plastic molding material in
•
accordance with MIL-P-46137
Locking Screw/Mounting Bushing – Corrosion resistant steel AISI
•
300 types passivated in accordance with QQ-P-35
Contacts
Holders – Copper alloy in accordance with Federal Specification
•
QQ-B-626 or SAE J463
Wire – Berryllium copper in accordance with Federal Specification
•
ASTM B197
Sleeves – If applicable, stainless steel in accordance with
•
AMS-5514 passivated in accordance with ASTM A967
1
Unmated Input/Output and PC Connector
An Input/Output and Mother Board Connector
Mated Mother Board and Daughter Board Connector
Mother Board
Daughter Board
Input/Output
PC (“Right Angle Mother Board”,
“Card Extender”)
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com