Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO4-168P Datasheet(PDF) 9 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 5Page - Amphenol Corporation IO4-168P Datasheet HTML 6Page - Amphenol Corporation IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation IO4-168P Datasheet HTML 10Page - Amphenol Corporation IO4-168P Datasheet HTML 11Page - Amphenol Corporation IO4-168P Datasheet HTML 12Page - Amphenol Corporation IO4-168P Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
5
MB, DB,
I/O, PC Connectors
Proprietary Part Number Ordering Procedure
Variation Suffix, cont.
(750)
PCB stud stickout of .172 termination, Au/Ni, [same as
(700)], RTV potted rear, MB-P
(751)
90° PCB stud stickout of .150, Sn/Ni, epoxy potted rear,
PC
(752)
Au/Ni, epoxy potted rear, standard termination length
(753)
Solderless wrap .025 sq.; .665 stickout, Au/Ni, [same
as (700)], epoxy potted rear, MB-W
(754)
PCB stud stickout of .172 termination, SnPb/Cu
(MIL-Spec), MB-P
(757)
PCB stud, .391 stickout, matte tin, MB-P
(758)
PCB stud, .172 stickout, Au/Ni, [same as (700)], epoxy
potted rear, MB-P
(760)
PCB stud, .192 stickout, Au/Ni (Mil-Spec), MB-P
(761)
90° PCB stud, .120 stickout, Sn/Ni, epoxy potted rear,
DB
(762)
PCB stud, .145 stickout, Au/Ni (Mil-Spec), epoxy potted
rear, MB-P
(763)
PCB stud, .145 stickout, SnPb/Cu (Mil-Spec), epoxy
potted rear, MB-P
(764)
90° PCB stud, .150 stickout, SnPb/Cu (Mil-Spec),
epoxy potted rear, DB & PC
(765)
PCB stud, stickout of .300 DB (90°), .300 MB-P, SnPb/
Cu (Mil-Spec), epoxy potted rear
(766)
90° PCB stud, .120 stickout, Au/Ni (Mil-Spec), epoxy
potted rear, DB
(767)
PCB stud, .192 stickout, Au/Ni (Mil-Spec), epoxy potted
rear, MB-P
(768)
PCB stud, .172 stickout, Au/Ni (Mil-Spec), MB-P
(769)
90° PCB stud, .200 stickout, Au/Ni (Mil-Spec), DB
(770)
90° PCB stud, .260 stickout, Au/Ni (Mil-Spec), DB
(773)
90° PCB stud, .150 stickout, Au/Ni (Mil-Spec), RTV
potted rear, PC & DB
Accessories
Amphenol® Low Mating Force Connectors are shipped less accessory items.
Accessories may be ordered by either military or proprietary part numbers shown below:
Accessory Item
Series
Military Part Number
Proprietary Part Number
Qty. Required
Polarization Keys
MB, DB, IO, PC
M55302/78-02
10-285422-2
4*
Locking/Mounting Bushing
MB
M55302/172-01
10-411196-3
2
Alternate Length Bushing (Longer)
MB
M55302/172-02
10-411196-5
2
Locking Bushing
PC
M55302/172-05
10-411196-4
2
Locking Screw, Plain
IO
M55302/172-04
10-502599
2
Locking Screw, Slotted
IO
-
10-502599-1
2
Locking Screw, Slotted (Low Profile)
IO
M55302/172-03
10-502599-2
2
Test Probe Kit
MB, DB, IO, PC
-
11-10400-22
1**
See pages 24-29 for more detailed information on these accessory items and how
they are assembled into connectors.
* 4 Keys required per connector half, if used
** One kit per connector gender is recommended
Low Mating Force Rectangular Connectors
how to order (commercial types)/accessories
(732)
PCB stud stickout of .300 DB (90°), .300 MB-P and
.335 IO
-P, Au/Cu [same as (701)],
(733)
PCB stud stickout of .421, matte tin, MB-P
(734)
Solderless wrap .025 sq.; .665 stickout, Au/Ni, [same
as (700)], RTV potted rear, MB-W
(735)
RTV potted rear, standard termination length, Au/Ni,
[same as (700)]
(736)
RTV potted rear, standard termination length, Sn/Ni
[use (724) for PC]
(737)
PCB stud stickout of .300 DB (90°), .300 MB-P and
.335 IO
-P, Au/Ni, [same as (700)], RTV potted rear
(738)
PCB stud stickout of .192 SnPb/Cu (Mil-Spec), MB-P
(739)
PCB stud stickout of .300 DB (90°), .300 MB-P and
.335 IO
-P;, RTV potted rear, Sn/Ni
(740)
Solderless wrap .025 sq.; .665 stickout, Sn/Ni,
RTV potted rear, MB-W
(741)
Solderless wrap .025 sq.; .280 stickout, Au/Ni, [same
as (700)], MB-W
(742)
PCB .145, Au/Ni, [same as (700)], epoxy potted rear,
MB-P
(743)
90° PCB .120, Au/Ni, [same as (700)], epoxy potted
rear, DB
(744)
90° PCB .120, Au/Ni, [same as (700)], (MIL-Spec),
epoxy potted rear, DB
(746)
90° PCB .120, SnPb/Cu, (MIL-Spec), epoxy potted
rear, DB
(747)
PCB stud stickout of .200, Sn/Ni, IO-P
(748)
PCB stud stickout of .145, Sn/Ni, epoxy potted rear,
MB-P
(749)
PCB, epoxy potted rear, standard termination length,
Sn/Ni



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com